Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F73UVPVB Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB15F73UVPVB
Description  Dual Serial Input PLL Frequency Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F73UVPVB Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB15F73UVPVB Datasheet HTML 4Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 5Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 6Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 7Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 8Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 9Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 10Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 11Page - Fujitsu Component Limited. MB15F73UVPVB Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MB15F73UV
8
s FUNCTIONAL DESCRIPTION
1.
Pulse swallow function
fVCO
= [ (P × N) + A] × fOSC ÷ R
fVCO : Output frequency of external voltage controlled oscillator (VCO)
P
: Preset divide ratio of dual modulus prescaler (8 or 16 for IF-PLL, 64or 128 for RF-PLL)
N
: Preset divide ratio of binary 11-bit programmable counter (3 to 2,047)
A
: Preset divide ratio of binary 7-bit swallow counter (0
≤ A ≤ 127, A < N)
fOSC : Reference oscillation frequency (OSCIN input frequency)
R
: Preset divide ratio of binary 14-bit programmable reference counter (3 to 16,383)
2.
Serial Data Input
The serial data is entered using three pins, Data pin, Clock pin, and LE pin. Programmable dividers of IF/RF-
PLL sections, programmable reference dividers of IF/RF-PLL sections are controlled individually.
The serial data of binary data is entered through Data pin.
On rising edge of Clock, one bit of the serial data is transferred into the shift register. On a rising edge of load
enable signal, the data stored in the shift register is transferred to one of latches depending upon the control bit
data setting.
(1)
Shift Register Configuration
The programmable
reference counter
for the IF-PLL
The programmable
reference counter
for the RF-PLL
The programmable
counter and the swallow
counter for the IF-PLL
The programmable
counter and the swallow
counter for the RF-PLL
CN1
0
1
0
1
CN2
0
0
1
1
• Programmable Reference Counter
CS
: Charge pump current select bit
R1 to R14
: Divide ratio setting bits for the programmable reference counter (3 to 16,383)
T1, T2
: LD/fout output setting bit
CN1, CN2
: Control bit
X
: Dummy bits (Set “0” or “1”)
Note : Data input with MSB first.
1
2
3
4
5
6
7
8
9
10 11 12 13
14
15
16
17
18
19 20 21 22 23
CN1 CN2 T1 T2 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 CS X
X
X
X


Similar Part No. - MB15F73UVPVB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73ULPFT FUJITSU-MB15F73ULPFT Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73ULPVA FUJITSU-MB15F73ULPVA Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL_01 Datasheet
265Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F73UVPVB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com