Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW640 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SW640
Description  N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW640 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SW640 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW640 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SAMWIN
SW640
REV0.2
05.6.9
4/6
Fig 7. Breakdown Voltage Variation vs.
Junction Temperature
Fig 8. On-Resistance Variation vs.
Junction Temperature
Fig 11. Transient Thermal Response Curve
Fig 10. Maximum Drain Current
Vs. Case Temperature
Fig9. Maximum Safe Operating
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Note:
1.V
GS=0V
2.I
D=250uA
T
J
,Junction Temperatur [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Note:
1.V
GS=10V
2.I
D=9A
T
J
,Junction Temperature[
oC]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
Note:
1.Tc=25°°°°C
2.Tj=150°°°°C
3.Single Pulse
Operation In This Area
Limted By R
DS(ON)
10ms
1ms
100us
10us
V
D
,Drain-Source Voltage[V]
25
50
75
100
125
150
0
4
8
12
16
20
T
c
,Case Temperature [
oC]
1 E - 5
1 E - 4
1 E - 3
0 . 0 1
0 . 1
1
1 0
0 . 0 1
0 . 1
1
s i n g l e p u l s e
D = 0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
t
1
, S q u a r e W a v e P u l s e D u r a t i o n ( s e c )
N o t e :
1 . Z
Θ
Θ
Θ
Θ
J C
( t ) = 0 . 9
o C / w M a x
2 . D u t y F a c t o r , D = t 1 / t 2
3 . T j - T c = P
D M
* Z
Θ
Θ
Θ
Θ
J C
( t )
0 . 0 1


Similar Part No. - SW640

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW640 SUNNYWAY-SW640 Datasheet
397Kb / 1P
   General Battery
SW640 SUNNYWAY-SW640 Datasheet
391Kb / 1P
   General Battery
SW640 SUNNYWAY-SW640 Datasheet
352Kb / 1P
   General Battery
logo
Xian Semipower Electron...
SW640 SEMIPOWER-SW640 Datasheet
784Kb / 7P
   N-channel MOSFET
SW640D SEMIPOWER-SW640D Datasheet
767Kb / 6P
   N-channel Enhanced mode TO-220/TO-220FT/TO-263 MOSFET
More results

Similar Description - SW640

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com