Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10C61 Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT10C61
Description  8-bit micro-controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10C61 Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT10C61 Datasheet HTML 1Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 2Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10C61 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MDT10C61
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 3
2005/6
Ver. 1.7
Address
Description
05
Port A
06
Port B
0A
PCHLAT
0B
INTS
0C~4F
General purpose register
BANK1
01
TMR
05
CPIO A
06
CPIO B
(1)IAR ( Indirect Address Register) : R00
(2)RTCC (Real Time Counter/Counter Register) : R01
(3) PC (Program Counter) : R02,R0A
Write PC --- from PCHLAT
LJUMP, LCALL --- from instruction word
RTWI, RET,RTFI --- from STACK
A9
A8
A7~A0
Write PC --- from ALU
LJUMP, LCALL --- from instruction word
RTWI, RET, RTFI --- from STACK
(4) STATUS (Status register) : R03
Bit
Symbol
Function
0
1
2
3
4
5
7~6
C
HC
Z
PF
TF
RBS0
——
Carry bit
Half Carry bit
Zero bit
Power down Flag bit
WDT Timer overflow Flag bit
Register Bank Select bit :
0 : 00H --- 7FH
1 : 80H --- FFH
General purpose bit


Similar Part No. - MDT10C61

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10C65 MDTIC-MDT10C65 Datasheet
214Kb / 11P
   8-bit micro-controller
MDT10C65A1Q MDTIC-MDT10C65A1Q Datasheet
214Kb / 11P
   8-bit micro-controller
More results

Similar Description - MDT10C61

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com