Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P10 Datasheet(PDF) 10 Page - Micon Design Technology Corporation

Part # MDT10P10
Description  8-bit micro-controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P10 Datasheet(HTML) 10 Page - Micon Design Technology Corporation

Back Button MDT10P10 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 11Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 12Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 13Page - Micon Design Technology Corporation MDT10P10 Datasheet HTML 14Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MDT10P10(BE)
This specification are subject to be changed without notice. Any latest information
please preview
ttp;//www.mdtic.com.tw
P. 10
2005/6
VER1.3
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
2.1 M
290
µA
10.0 K
1.1 M
215
µA
100P
47.0 K
230 K
140
µA
100.0 K
110 K
130
µA
300.0 K
38 K
45
µA
470.0 K
25 K
30
µA
4.7 K
910 K
185
µA
10.0 K
450 K
155
µA
300P
47.0 K
90 K
115
µA
100.0 K
40 K
110
µA
300.0 K
14 K
105
µA
470.0 K
9.5 K
100
µA
(ii) OSC Type=LF (OSC1& OSC2 Internal Cap about 10P); WDT-Disable﹔PED Enable
Voltage/Frequency
32 K
(Ext C=50P)
455 K
(Ext C=20P)
1 M
Sleep
2.3 V
11
µA @2.4V 24 µA
35
µA
<0.1
µA
3.0 V
19
µA
40
µA
50
µA
<0.1
µA
4.0 V
66
µA
82
µA
95
µA
<0.1
µA
5.0 V
70
µA
145
µA
140
µA
<0.1
µA
6.0 V
125
µA
250
µA
210
µA
80
µA
(iii) OSC Type=XT(OSC1&OSC2 Internal Cap about 10P); WDT-Enable
Voltage/Frequency
1 M
4 M
10 M
Sleep
2.3 V
32
µA
100
µA
220
µA
<1.0
µA
3.0 V
72
µA
180
µA
400
µA
3.0
µA
4.0 V
145
µA
300
µA
600
µA
7.5
µA
5.0 V
250
µA
440
µA
1.0 mA
16
µA
6.0 V
390
µA
650
µA
1.2 mA
27
µA


Similar Part No. - MDT10P10

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P10 MDTIC-MDT10P10 Datasheet
154Kb / 16P
   8-bit micro-controller
MDT10P10BG MDTIC-MDT10P10BG Datasheet
132Kb / 16P
   8-bit micro-controller
MDT10P10 MDTIC-MDT10P10_04 Datasheet
154Kb / 16P
   8-bit micro-controller
More results

Similar Description - MDT10P10

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com