Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VVC1-C1D-51.840 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VVC1-C1D-51.840
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VVC1-C1D-51.840 Datasheet(HTML) 2 Page - Vectron International, Inc

  VVC1-C1D-51.840 Datasheet HTML 1Page - Vectron International, Inc VVC1-C1D-51.840 Datasheet HTML 2Page - Vectron International, Inc VVC1-C1D-51.840 Datasheet HTML 3Page - Vectron International, Inc VVC1-C1D-51.840 Datasheet HTML 4Page - Vectron International, Inc VVC1-C1D-51.840 Datasheet HTML 5Page - Vectron International, Inc VVC1-C1D-51.840 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VVC1 Voltage Controlled Crystal Oscillator
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
fO
1.544
65.536
MHz
Supply Voltage
1
(+5.0 V)
(+3.3 V)
VDD
4.750
3.135
5.0
3.3
5.250
3.465
V
Supply Current
(+5.0 V)
(+3.3 V)
IDD
55
40
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
0.9*VDD
0.1VDD
V
V
Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Symmetry or Duty Cycle
3
SYM
45
50
55
%
Operating temperature (ordering option)
0/70 or –40/85
°C
Total Pull Range (ordering option)
Or
Absolute Pull Range
±50, ±100 or ±150
±50, ±80 or ±100
ppm
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Gain Transfer (See Figure 3)
Positive
ppm/V
Control Voltage Leakage Current
IVCXO
±1
uA
Control Voltage Bandwidth (-3dB)
BW
10
kHz
Package Size
5.0 x 7.0 x 1.8
mm
1. A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified.
3. Symmetry is defined as (ON TIME/PERIOD with Vs= 1.4 V for TTL and Vs=2.5 V for CMOS, 5 volt operation, and Vs=1.65V
for 3.3 Volt operation.
Figure 1. Output Waveform
Figure 2. Typical Output Test Conditions (25
±5°C)
80 %
Vs
20
%
t
F
t
R
Period
On Time
+
-
+
-
IC
V
C
4
3
.1µF
.01µ F
15pF
2
5
6
1
IDD
650
V DD
1.8k


Similar Part No. - VVC1-C1D-51.840

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVC1-BGE VECTRON-VVC1-BGE Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VVC1-C1D-51.840

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com