Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT10P22 Datasheet(PDF) 7 Page - Micon Design Technology Corporation

Part # MDT10P22
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT10P22 Datasheet(HTML) 7 Page - Micon Design Technology Corporation

Back Button MDT10P22 Datasheet HTML 3Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 4Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 5Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 6Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 7Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 8Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 9Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 10Page - Micon Design Technology Corporation MDT10P22 Datasheet HTML 11Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MDT10P22(DC)
This specification are subject to be changed without notice. Any latest information
please preview http;//www.mdtic.com.tw
P. 7
2005/6
Ver. 1.4
(9) TMR (Time Mode Register)
Bit
Symbol
Function
Prescaler Value
RTCC rate
WDT rate
2—0
PS2—0
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
3
PSC
Prescaler assignment bit :
0 — RTCC
1 — Watchdog Timer
4
TCE
RTCC signal Edge :
0 — Increment on low-to-high transition on RTCC pin
1 — Increment on high-to-low transition on RTCC pin
5
TCS
RTCC signal set :
0 — Internal instruction cycle clock
1 — Transition on RTCC pin
(10) CPIO A, CPIO B (Control Port I/O Mode Register)
The CPIO register is “write-only”
=“0”, I/O pin in output mode;
=“1”, I/O pin in input mode.
(11) EPROM Option by writer programming :
A. FIRST WORD
Oscillator Type
Oscillator Start-up Time
RC
Oscillator
150
µs
LFXT Oscillator
20 ms
XTAL Oscillator
40 ms
HFXT Oscillator
80 ms
Watchdog Timer control
Watchdog timer disable all the time
Watchdog timer enable all the time


Similar Part No. - MDT10P22

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
126Kb / 18P
   8-bit micro-controller
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
   8-bit micro-controller
MDT10P223 MDTIC-MDT10P223 Datasheet
209Kb / 21P
   8-bit micro-controller
MDT10P223K11 MDTIC-MDT10P223K11 Datasheet
209Kb / 21P
   8-bit micro-controller
MDT10P223P11 MDTIC-MDT10P223P11 Datasheet
209Kb / 21P
   8-bit micro-controller
More results

Similar Description - MDT10P22

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com