Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT75C273S Datasheet(PDF) 3 Page - Micon Design Technology Corporation

Part # MDT75C273S
Description  OTP Encoder using CMOS technology.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT75C273S Datasheet(HTML) 3 Page - Micon Design Technology Corporation

  MDT75C273S Datasheet HTML 1Page - Micon Design Technology Corporation MDT75C273S Datasheet HTML 2Page - Micon Design Technology Corporation MDT75C273S Datasheet HTML 3Page - Micon Design Technology Corporation MDT75C273S Datasheet HTML 4Page - Micon Design Technology Corporation MDT75C273S Datasheet HTML 5Page - Micon Design Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MDT75C273
OTP Encoder
This specification is subject to be changed without notice. Please visit our web site for the most updated information.
http://www.mdtic.com.tw
3 of 5
2005/6/20 Ver. 1.0
7. Absolute Maximum Rating
Symbol
Parameter
Conditions
Rating
Unit
Vdd
Supply Voltage
-0.3 ~ 13
V
Vi
Input Voltage
-0.3 ~ Vdd+0.3
V
Vo
Output Voltage
-0.3 ~ Vdd+0.3
V
Tst
Storage Temp.
-40 ~ 125
Top
Operating Temp.
-20 ~ 70
Pdis
Max. Power dissipation
Vdd = 12V
300
mV
8. DC Electrical Characteristics (TA=0℃ to 70℃)
Symbol
Parameters
Conditions
Min.
Typ.
Max.
Unit
Vdd
Operating Voltage
3.0
5
12
V
Isb
Stand by current
Vdd = 12V, OSC stop
K0 ~ K3 = Low
Output Unloaded
1.0
3.0
uA
Iop
Operating current
Vdd =12V
0.5
1.0
mA
Ioh
Source current
Vdd =12V, Voh = 6V
4.5
mA
Iol
Sink Current
Vdd =12V, Vol = 6V
4.5
mA
Fop
Operating Freq
Vdd=11V,
Rosc=360K ~ 470K ohm
80K
HZ


Similar Part No. - MDT75C273S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272P MDTIC-MDT75C272P Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272S MDTIC-MDT75C272S Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C274 MDTIC-MDT75C274 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
More results

Similar Description - MDT75C273S

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT75C274 MDTIC-MDT75C274 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
List of Unclassifed Man...
MDT75C271 ETC1-MDT75C271 Datasheet
43Kb / 5P
   The MDT75C271 is an OTP Encoder using CMOS technology.
EV1527 ETC2-EV1527 Datasheet
100Kb / 3P
   EV1527 is OTP Encoder utilizing CMOS technology process
FP527 ETC2-FP527 Datasheet
367Kb / 2P
   OTP Encoder
logo
Silvan Chip Electronics...
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
   OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
   OTP Encoder
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
   OTP ENCODER
logo
Silvan Chip Electronics...
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
   OTP Encoder
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
   OTP Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com