Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT1020 Datasheet(PDF) 10 Page - Micon Design Technology Corporation

Part # MDT1020
Description  8-bit micro-controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1020 Datasheet(HTML) 10 Page - Micon Design Technology Corporation

Back Button MDT1020 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 9Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 10Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 11Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 12Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 13Page - Micon Design Technology Corporation MDT1020 Datasheet HTML 14Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MDT1020
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P.10
2005/6 Ver1.4
(D) Leakage Current
@ Vdd=5.0 V, Temperature=25 ℃, the typical value as followings :
Iil
- 1.0
µA (Max.)
Iih
+ 1.0
µA (Max.)
(E) Sleep Current
@WDT-Disable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V ~ 6.3 V, Idd<0.1
µA
@WDT-Enable, Temperature=25 ℃, the typical value as followings :
Vdd=2.3 V
Idd<1.0
µA
Vdd=3.0 V
Idd=2.0
µA
Vdd=4.0 V
Idd=5.0
µA
Vdd=5.0 V
Idd=10.0
µA
Vdd=6.3 V
Idd=20.0
µA
(F) Operating Current / Voltage
Temperature=25℃, the typical value as followings :
(i) OSC Type=RC ; WDT-Enable; @ Vdd=5.0 V
Cext. (F)
Rext. (Ohm)
Frequency (Hz)
Current (A)
4.7 K
11.76 M
1.90 m
10.0 K
7.40 M
1.12 m
3P
47.0 K
1.96 M
315.00
µ
100.0 K
952.50 K
175.00
µ
300.0 K
310.00 K
90.00
µ
470.0 K
196.1 K
75.00
µ
4.7 K
6.45 M
950.0
µ
10.0 K
3.70 M
540.0
µ
20P
47.0 K
869.60 K
160.0
µ
100.0 K
416.80 K
105.0
µ
300.0 K
137.90 K
65.0
µ
470.0 K
88.88 K
60.0
µ


Similar Part No. - MDT1020

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT1005 MDTIC-MDT1005 Datasheet
179Kb / 19P
   8-bit micro-controller
MDT1010 MDTIC-MDT1010 Datasheet
178Kb / 19P
   8-bit micro-controller
MDT1030 MDTIC-MDT1030 Datasheet
179Kb / 19P
   8-bit micro-controller
MDT1051 MDTIC-MDT1051 Datasheet
79Kb / 13P
   8-bit micro-controller
MDT10C22 MDTIC-MDT10C22 Datasheet
191Kb / 19P
   8-bit micro-controller
More results

Similar Description - MDT1020

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com