Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT1030 Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT1030
Description  8-bit micro-controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT1030 Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT1030 Datasheet HTML 1Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 2Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 3Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 4Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 5Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 6Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 7Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 8Page - Micon Design Technology Corporation MDT1030 Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MDT1030
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 1
2005 /6
VER1.4
1. General Description
This ROM-Based 8-bit micro-controller
uses
a
fully
static
CMOS
design
technology combines higher speed and
smaller size with the low power and high
noise immunity of CMOS.
On chip memory system includes 2.0 K
bytes of ROM, and 80 bytes of static RAM.
2. Features
The followings are some of the features on
the hardware and software :
u Fully CMOS static design
u 8-bit data bus
u On chip ROM size : 2.0 K words
u Internal RAM size : 80 bytes
(73 general purpose registers, 7 special
registers)
u 34 single word instructions
u 12-bit instructions
u 2-level stacks
u Operating voltage : 2.3 V ~ 6.3 V
u Operating frequency : 0 ~ 20 MHz
u The most fast execution time is 200 ns
under 20 MHz in all single cycle
instructions
except
the
branch
instruction
u Addressing modes include direct,
indirect and relative addressing modes
u Power-on Reset
u Power edge-detector Reset
u Sleep Mode for power saving
u 4 oscillator start-up time :
150
µs, 20 ms, 40 ms, 80 ms
u 8-bit real time clock/counter(RTCC) with
8-bit programmable prescaler
u 4 types of oscillator can be selected by
code options :
RC-Low cost RC oscillator
LFXT-Low frequency crystal oscillator
XTAL-Standard crystal oscillator
HFXT-High frequency crystal oscillator
u On-chip RC oscillator based Watchdog
Timer(WDT) can be operated freely
u Pull up resistors for the following pins :
PA0~PA3, PB0~PB7, /MCLR, RTCC
u Pull down resistors for the following
pins :
PA0~PA3, PB0~PB7, RTCC
u 12 I/O pins with their own independent
direction control
3. Applications
The application areas of this MDT1030
range from appliance motor control and
high speed automotive to low power remote
transmitters/receivers,
pointing
devices,
and telecommunications processors, such
as Remote controller, small instruments,
chargers,
toy,
automobile
and
PC
peripheral … etc.


Similar Part No. - MDT1030

ManufacturerPart #DatasheetDescription
logo
Micon Design Technology...
MDT1005 MDTIC-MDT1005 Datasheet
179Kb / 19P
   8-bit micro-controller
MDT1010 MDTIC-MDT1010 Datasheet
178Kb / 19P
   8-bit micro-controller
MDT1020 MDTIC-MDT1020 Datasheet
181Kb / 18P
   8-bit micro-controller
MDT1051 MDTIC-MDT1051 Datasheet
79Kb / 13P
   8-bit micro-controller
MDT10C22 MDTIC-MDT10C22 Datasheet
191Kb / 19P
   8-bit micro-controller
More results

Similar Description - MDT1030

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com