Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDT2010IB Datasheet(PDF) 1 Page - Micon Design Technology Corporation

Part # MDT2010IB
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2010IB Datasheet(HTML) 1 Page - Micon Design Technology Corporation

  MDT2010IB Datasheet HTML 1Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 2Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 3Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 4Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 5Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 6Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 7Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 8Page - Micon Design Technology Corporation MDT2010IB Datasheet HTML 9Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MDT2010(IB)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 1
2005/6 VER1.3
1. General Description
This EPROM-Based 8-bit micro-controller
uses a fully static CMOS design technology
combines higher speeds and smaller size
with the low power and high noise immunity
of CMOS.
On chip memory system includes 1.0 K(for
MDT2010) bytes of ROM, and 32 bytes of
static RAM.
2. Features
The followings are some of the features on
the hardware and software :
u Fully CMOS static design
u 8-bit data bus
u On chip ROM size :1 K words for
MDT2010
u Internal RAM size : 32 bytes
(25 general purpose registers, 7 special
registers)
u 36 single word instructions
u 14-bit instructions
u 2-level stacks
u Operating voltage : 2.3V ~ 5.5 V
u Operating frequency : 0 ~ 20 MHz
u The most fast execution time is 200 ns
under 20 MHz in all single cycle
instructions
except
the
branch
instruction
u Addressing modes include direct,
indirect and relative addressing modes
u Power-on Reset
u Power edge-detector Reset
u Sleep Mode for power saving
u 8-bit real time clock/counter(RTCC) with
8-bit programmable prescaler
u 4 types of oscillator can be selected by
programming option:
RC-Low cost RC oscillator
LFXT-Low frequency crystal oscillator
XTAL-Standard crystal oscillator
HFXT-High frequency crystal oscillator
u 4 oscillator start-up time can be
selected by programming option:
150
µs, 20 ms, 40 ms, 80 ms
u On-chip RC oscillator based Watchdog
Timer(WDT) can be operated freely
u 12 I/O pins with their own independent
direction control
3. Applications
The application areas of this MDT2010
range from appliance motor control and
high speed automotive to low power remote
transmitters/receivers,
pointing
devices,
and telecommunications processors, such
as Remote controller, small instruments,
chargers,
toy,
automobile
and
PC
peripheral … etc.


Similar Part No. - MDT2010IB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2010 ETC1-MDT2010 Datasheet
76Kb / 17P
   8-bit micro-controller uses a fully static CMOS design technology
logo
Micon Design Technology...
MDT2010 MDTIC-MDT2010 Datasheet
110Kb / 15P
   8-bit micro-controller
MDT2010JE MDTIC-MDT2010JE Datasheet
110Kb / 15P
   8-bit micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2010IB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com