Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS74FCT153AT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTQS74FCT153AT
Description  HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT153AT Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTQS74FCT153AT Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT153AT Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT153AT Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT153AT Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT153AT Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT153AT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDTQS74FCT153AT/CT
HIGH-SPEEDCMOSDUAL4-INPUTMULTIPLEXER
3
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
∆VT
Input Hysteresis
VTLH - VTHL for all inputs
0.2
V
IIH
Input HIGH Current
VCC = Max.
0
≤ VIN ≤ VCC
——
±5µA
IIL
Input LOW Current
IOS
Short Circuit Current
VCC = Max., VOUT = GND(2)
–60
mA
VIC
Input Clamp Voltage
VCC = Min., IIN = –18mA, TA = 25°C(2)
–0.7
–1.2
V
VOH
Output HIGH Voltage
VCC = Min.
IOH = –15mA
2.4
V
VOL
Output LOW Voltage
VCC = Min.
IOL = 48mA
0.5
V
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±5%
NOTES:
1. Typical values are at VCC = 5.0V, +25°C ambient.
2. This parameter is guaranteed but not tested.
Symbol
Parameter
Test Conditions(1)
Min.
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
1.5
mA
freq = 0
0V
≤ VIN ≤ 0.2V or
VCC - 0.2V
≤ VIN ≤ VCC
∆ICC
Supply Current per Input TTL Inputs HIGH
VCC = Max.
2
mA
VIN = 3.4V(2)
freq = 0
ICCD
Supply Current per Input per MHz
VCC = Max.
0.25
mA/
Outputs Open and Enabled
MHz
One Bit Toggling
50% Duty Cycle
Other inputs at GND or VCC(3,4)
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under DC Electrical Characteristics.
2. Per TTL driven input (VIN = 3.4V).
3. For flip-flops, ICCD is measured by switching one of the data input pins so that the output changes every clock cycle. This is a measurement of device power consumption
only and does not include power to drive load capacitance or tester capacitance.
4. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Output Frequency
Ni = Number of Outputs at fi
All currents are in milliamps and all frequencies are in megahertz.
POWER SUPPLY CHARACTERISTICS


Similar Part No. - IDTQS74FCT153AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2157AT IDT-IDTQS74FCT2157AT Datasheet
74Kb / 6P
   HIGH-SPEED CMOS QUAD 2-INPUT MULTIPLEXER
IDTQS74FCT2244 IDT-IDTQS74FCT2244 Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATQ IDT-IDTQS74FCT2244ATQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244ATSO IDT-IDTQS74FCT2244ATSO Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
IDTQS74FCT2244CTQ IDT-IDTQS74FCT2244CTQ Datasheet
52Kb / 6P
   HIGH-SPEED SMOS 8-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDTQS74FCT153AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT153T PERICOM-PI74FCT153T Datasheet
48Kb / 5P
   High-Speed CMOS Dual 4-Input Multiplexer
logo
Integrated Device Techn...
IDTQS74FCT253AT IDT-IDTQS74FCT253AT Datasheet
69Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
logo
Texas Instruments
CD74HC253M TI1-CD74HC253M Datasheet
397Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
IK Semicon Co., Ltd
IN74AC153 IKSEMICON-IN74AC153 Datasheet
229Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC153 KODENSHI-KK74AC153 Datasheet
322Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT153 IKSEMICON-IN74ACT153 Datasheet
228Kb / 6P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC153 INTEGRAL-IN74AC153 Datasheet
196Kb / 5P
   Dual 4-Input Data Selector/Multiplexer High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com