Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8521AV-20 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8521AV-20
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8521AV-20 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8521AV-20 Datasheet HTML 4Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 5Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 6Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 7Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 8Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 9Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 10Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 11Page - National Semiconductor (TI) DP8521AV-20 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
20 Signal Descriptions (Continued)
Pin
Device (If not
Input
Description
Name
applicable to all)
Output
23 REFRESH SIGNALS
RFIP(RFRQ)O
REFRESH IN PROGRESS
or REFRESH REQUEST When ECAS0 is asserted
during programming this output functions as RFIP and is asserted prior to a
refresh cycle and is negated when all the RAS outputs are negated for that
refresh When ECAS0 is negated during programming this output functions as
RFRQ When asserted this pin specifies that 13 msor15 ms have passed If
DISRFSH is negated the DP8520A21A22A will perform an internal refresh as
soon as possible If DISRFRSH is asserted RFRQ can be used to externally
request a refresh through the input RFSH This output has a high capacitive
driver and a 20X series damping resistor
RFSH
I
REFRESH
This input asserted with DISRFRSH already asserted will request a
refresh If this input is continually asserted the DP8520A21A22A will perform
refresh cycles in a burst refresh fashion until the input is negated If RFSH is
asserted with DISRFSH negated the internal refresh address counter is cleared
(useful for burst refreshes)
DISRFSH
I
DISABLE REFRESH
This input is used to disable internal refreshes and must
be asserted when using RFSH for externally requested refreshes
24 PORT A ACCESS
ADS
I
ADDRESS STROBE
or ADDRESS LATCH ENABLE Depending on
programming this input can function as ADS or ALE In mode 0 the input
(ALE)
I
functions as ALE and when asserted along with CS causes an internal latch to
be set Once this latch is set an access will start from the positive clock edge of
CLK as soon as possible In Mode 1 the input functions as ADS and when
asserted along with CS causes the access RAS to assert if no other event is
taking place If an event is taking place RAS will be asserted from the positive
edge of CLK as soon as possible In both cases the low going edge of this signal
latches the bank row and column address if programmed to do so
CS
I
CHIP SELECT
This input signal must be asserted to enable a Port A access
AREQ
I
ACCESS REQUEST
This input signal in Mode 0 must be asserted some time
after the first positive clock edge after ALE has been asserted When this signal
is negated RAS is negated for the access In Mode 1 this signal must be
asserted before ADS can be negated When this signal is negated RAS is
negated for the access
WAIT
O
WAIT
or DTACK This output can be programmed to insert wait states into a
CPU access cycle With R7 negated during programming the output will function
(DTACK)O
as a WAIT type output In this case the output will be active low to signal a wait
condition With R7 asserted during programming the output will function as
DTACK In this case the output will be negated to signify a wait condition and will
be asserted to signify the access has taken place Each of these signals can be
delayed by a number of positive clock edges or negative clock levels of CLK to
increase the microprocessor’s access cycle through the insertion of wait states
WAITIN
I
WAIT INCREASE
This input can be used to dynamically increase the number of
positive clock edges of CLK until DTACK will be asserted or WAIT will be
negated during a VRAM access
25 PORT B ACCESS SIGNALS
AREQB
DP8522A
I
PORT B ACCESS REQUEST
This input asserted will latch the row column and
bank address if programmed and requests an access to take place for Port B If
only
the access can take place RAS will assert immediately If the access has to be
delayed RAS will assert as soon as possible from a positive edge of CLK
ATACKB
DP8522A
O
ADVANCED TRANSFER ACKNOWLEDGE PORT B
This output is asserted
when the access RAS is asserted for a Port B access This signal can be used to
only
generate the appropriate DTACK or WAIT type signal for Port B’s CPU or bus
8


Similar Part No. - DP8521AV-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8510 NSC-DP8510 Datasheet
45Kb / 1P
   BITBLT PROCESSING UNIT
DP8511 NSC-DP8511 Datasheet
61Kb / 2P
   BITBLT PROCESSING UNIT(BPU)
DP8511V NSC-DP8511V Datasheet
61Kb / 2P
   BITBLT PROCESSING UNIT(BPU)
DP8570 NSC-DP8570 Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
   Timer Clock Peripheral (TCP)
More results

Similar Description - DP8521AV-20

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420A NSC-DP8420A Datasheet
824Kb / 58P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
   64k, 256k Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
   microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Cypress Semiconductor
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
   4M (256K x 16) Static RAM
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
   4M (256K x 16) Static RAM
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
   CMOS 1M (256K x 4) Dynamic RAM
LH5PV16256 SHARP-LH5PV16256 Datasheet
116Kb / 14P
   CMOS 4M (256K x 16) Pseudo-Static RAM
logo
Samsung semiconductor
KM428C256 SAMSUNG-KM428C256 Datasheet
2Mb / 32P
   256K x 8 Bit CMOS Video RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com