Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK4252H Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK4252H
Description  30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4252H Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK4252H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4252H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4252H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4252H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4252H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4252H Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
6
Screening Level
Part
Number
MSK4252
MSK4252E
MSK4252H
Industrial
Extended Reliability
Mil-PRF-38534 Class H
ORDERING INFORMATION
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle indicates Pin 1.
WEIGHT= TBD GRAMS TYPICAL
PRELIMINARY
Rev. - 2/05


Similar Part No. - MSK4252H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4252H ANAREN-MSK4252H Datasheet
151Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
More results

Similar Description - MSK4252H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4252 ANAREN-MSK4252 Datasheet
151Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250 Datasheet
321Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4251 ANAREN-MSK4251 Datasheet
137Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253 ANAREN-MSK4253 Datasheet
161Kb / 6P
   5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253 Datasheet
274Kb / 6P
   5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4362HU MSK-MSK4362HU Datasheet
409Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4462U MSK-MSK4462U Datasheet
400Kb / 8P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4362 ANAREN-MSK4362 Datasheet
948Kb / 9P
   30 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com