Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK363GN Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK363GN
Description  Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK363GN Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK363GN Datasheet HTML 3Page - Power Integrations, Inc. LNK363GN Datasheet HTML 4Page - Power Integrations, Inc. LNK363GN Datasheet HTML 5Page - Power Integrations, Inc. LNK363GN Datasheet HTML 6Page - Power Integrations, Inc. LNK363GN Datasheet HTML 7Page - Power Integrations, Inc. LNK363GN Datasheet HTML 8Page - Power Integrations, Inc. LNK363GN Datasheet HTML 9Page - Power Integrations, Inc. LNK363GN Datasheet HTML 10Page - Power Integrations, Inc. LNK363GN Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LNK362-364
C
12/05
7
Optocoupler
Place the optocoupler physically close to the LinkSwitch-XT to
minimize the primary-side trace lengths. Keep the high current,
high voltage drain and clamp traces away from the optocoupler
to prevent noise pick up.
Output Diode
For best performance, the area of the loop connecting the
secondary winding, the output diode and the output filter
capacitor should be minimized. In addition, sufficient copper
area should be provided at the anode and cathode terminals
of the diode for heat sinking. A larger area is preferred at the
quiet cathode terminal. A large anode area can increase high
frequency radiated EMI.
Quick Design Checklist
As with any power supply design, all LinkSwitch-XT designs
should be verified on the bench to make sure that component
specifications are not exceeded under worst-case conditions.The
following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that V
DS does not exceed
650 V at the highest input voltage and peak (overload) output
power. The 50 V margin to the 700 V BV
DSS specification
gives margin for design variation, especially in Clampless
designs.
2. Maximum drain current –At maximum ambient temperature,
maximum input voltage and peak output (overload) power,
verify drain current waveforms for any signs of transformer
saturation and excessive leading-edge current spikes at
startup. Repeat under steady state conditions and verify that
the leading-edge current spike event is below I
LIMIT(MIN) at the
end of the t
LEB(MIN). Under all conditions, the maximum drain
current should be below the specified absolute maximum
ratings.
3. Thermal Check – At specified maximum output power,
minimum input voltage and maximum ambient temperature,
verify that the temperature specifications are not exceeded
for LinkSwitch-XT, transformer, output diode and output
capacitors. Enough thermal margin should be allowed for
part-to-part variation of the R
DS(ON) of LinkSwitch-XT as
specified in the data sheet. Under low line, maximum power,
a maximum LinkSwitch-XT SOURCE pin temperature of
105 °C is recommended to allow for these variations.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations web site: www.powerint.com.


Similar Part No. - LNK363GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK363GN-TL POWERINT-LNK363GN-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results

Similar Description - LNK363GN

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com