Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MELFSMA5817 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # MELFSMA5817
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

MELFSMA5817 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  MELFSMA5817 Datasheet HTML 1Page - Wing Shing Computer Components MELFSMA5817 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 40 Volts CURRENT - 1.0 Ampere
FEATURES
* Ideal for surface mounted applications
* Low leakage current for high efficiency
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SM-1(DO-213AB)
Dimensions in inches and (millimeters)
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.12 gram
* Terminals: Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
* High current capability
PARAMETER
SYMBOL SM5817 SM5818 SM5819 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
Volts
Maximum RMS Voltage
VRMS
14
21
28
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
Volts
Maximum Average Forward Rectified Current TA = 25℃
IO
1.0
Amps
Peak Forward Surge Current: 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
25
Amps
Maximum Forward Voltage at 1.0A DC
VF
0.45
0.55
0.60
Volts
@TA = 25℃
1.0
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 100℃
IR
10
mAmps
Typical Junction Capacitance ( Note 1 )
CJ
110
pF
Typical Thermal Resistance ( Note 2 )
JL
75
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-65 to +125
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient, 0.24”
2(6.0mm2) copper pads to each Terminal.
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail: ic@wingshing.com
MELFSMA5817-5819


Similar Part No. - MELFSMA5817

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MELFSMA4001 WINGS-MELFSMA4001 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
MELFSMA4002 WINGS-MELFSMA4002 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
MELFSMA4003 WINGS-MELFSMA4003 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
MELFSMA4004 WINGS-MELFSMA4004 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
MELFSMA4005 WINGS-MELFSMA4005 Datasheet
220Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - MELFSMA5817

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com