Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK564PN Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK564PN
Description  Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK564PN Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK564PN Datasheet HTML 3Page - Power Integrations, Inc. LNK564PN Datasheet HTML 4Page - Power Integrations, Inc. LNK564PN Datasheet HTML 5Page - Power Integrations, Inc. LNK564PN Datasheet HTML 6Page - Power Integrations, Inc. LNK564PN Datasheet HTML 7Page - Power Integrations, Inc. LNK564PN Datasheet HTML 8Page - Power Integrations, Inc. LNK564PN Datasheet HTML 9Page - Power Integrations, Inc. LNK564PN Datasheet HTML 10Page - Power Integrations, Inc. LNK564PN Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LNK562-564
F
10/05
Y Capacitor
The placement of the Y capacitor should be directly from the
primary input filter capacitor positive terminal to the common/
return terminal of the transformer secondary. Such a placement
will route high magnitude common-mode surge currents away
from the LinkSwitch-LP device. Note: If an input pi (C, L, C)
EMI filter is used, then the inductor in the filter should be placed
between the negative terminals on the input filter capacitors.
Output Diode
For best performance, the area of the loop connecting the
secondary winding, the output diode and the output filter
capacitor should be minimized. In addition, sufficient copper
area should be provided at the anode and cathode terminals
of the diode for heat sinking. A larger area is preferred at the
quiet cathode terminal. A large anode area can increase high-
frequency radiated EMI.
Quick Design Checklist
As with any power supply design, all LinkSwitch-LP designs
should be verified on the bench to make sure that component
specifications are not exceeded under worst-case conditions. The
following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that V
DS does not exceed
650 V at the highest input voltage and peak (overload) output
power. A 50 V margin to the 700 V BV
DSS specification
gives margin for design variation, especially in Clampless
designs.
2. Maximum drain current – At maximum ambient
temperature, maximum input voltage and peak output
(overload) power, verify drain current waveforms for any
signs of transformer saturation and excessive leading-edge
current spikes at startup. Repeat under steady state conditions
and verify that the leading-edge current spike event is below
I
LIMIT(MIN) at the end of the tLEB(MIN). Under all conditions, the
maximum DRAIN current should be below the specified
absolute maximum ratings.
3. Thermal Check – At specified maximum output
power, minimum input voltage and maximum ambient
temperature, verify that the temperature specifications
are not exceeded for LinkSwitch-LP, transformer, output
diode and output capacitors. Enough thermal margin
should be allowed for part-to-part variation of the R
DS(ON) of
LinkSwitch-LPasspecifiedinthedatasheet.Underlowlineand
maximum power, a maximum LinkSwitch-LP SOURCE pin
temperature of 100 °C is recommended to allow for these
variations.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations web site: www.powerint.com.


Similar Part No. - LNK564PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK564PN-TL POWERINT-LNK564PN-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
More results

Similar Description - LNK564PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562_08 Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK562 POWERINT-LNK562_V01 Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com