Electronic Components Datasheet Search |
|
MSK4357HD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation |
|
MSK4357HD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation |
2 / 6 page Storage Temperature Range Lead Temperature Range(10 Seconds) Case Operating Temperature MSK4357 MSK4357H/E Junction Temperature -65°C to +150°C 300°C -40°C to +85°C -55°C to +125°C +150°C OUTPUT CHARACTERISTICS VC-E On Voltage (Each IGBT) Forward Voltage (FRED Flyback Diode) Reverse Recovery Time 1 Leakage Current BIAS SUPPLY CHARACTERISTICS Quiescent Bias Current INPUT SIGNALS CHARACTERISTICS Positive Trigger Threshold Voltage Negative Trigger Threshold Voltage SWITCHING CHARACTERISTICS 1 Upper Drive: Turn-On Propagation Delay Turn-Off Propagation Delay Turn-On Turn-Off Lower Drive: Turn-On Propagation Delay Turn-Off Propagation Delay Turn-On Turn-Off Dead Time Minimum Pulse Width NOTES: Subgroup 1,4 2,5 3,6 TA=TC=+25°C TA=TC=+125°C TA=TC=-55°C Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified. Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3, and 4. Subgroups 5 and 6 testing available upon request. All Ratings: Tc = +25°C Unless Otherwise Specified High Voltage Supply Logic Supply Continuous Output Current Peak Output Current Thermal Resistance (Output Switches) (Junction to Case @125°C) V+ VCC IOUT IPK JC TST TLD TC TJ Parameters Min. - - - - - - - - - - - - - 2.2 - - - - - - - - - - 300 Min. - - - - - - - - - - - - - 2.2 - - - - - - - - - - 300 Typ. 2.3 - - 1.7 - - - 34 - - 140 - - - - 659 758 38 60 656 660 35 34 2 - Max. 2.8 - - 2.05 - - 180 400 - - 180 - - - 0.8 1000 1000 50 100 1000 1000 50 50 - - MSK 4357 2 Max. 2.7 2.8 2.7 1.9 1.7 2.15 180 400 1.8 400 180 150 220 - 0.8 1000 1000 50 100 1000 1000 50 50 - - UNITS V V V V V V nS uA mA uA mA mA mA V V nS nS nS nS nS nS nS nS uS uS ELECTRICAL SPECIFICATIONS ABSOLUTE MAXIMUM RATING 1 2 3 1 2 3 - 1 2 3 1 2 3 1,2,3 1,2,3 4 4 4 4 4 4 4 4 - - Group A Subgroup 5 500V 16V 28A 60A 0.83°C/W MSK 4357H/E 3 1 2 3 4 5 IC=28A ID=28A ID=28A,di/dt=100A/uS,Vr=350V V+=500V V+=400V V+=500V VCC=15V VCC=15V VCC=15V Test Conditions V+=270V,VCC=15V,IC=28A V+=270V,VCC=15V,IC=28A Rev. I 6/04 2 1 Typ. 2.3 2.5 2.3 1.7 1.55 1.8 - 34 1.1 19 140 105 180 - - 659 758 38 60 656 660 35 34 2 - |
Similar Part No. - MSK4357HD |
|
Similar Description - MSK4357HD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |