Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTR020N05 Datasheet(PDF) 2 Page - Rohm

Part # RTR020N05
Description  2.5V Drive Nch MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTR020N05 Datasheet(HTML) 2 Page - Rohm

  RTR020N05 Datasheet HTML 1Page - Rohm RTR020N05 Datasheet HTML 2Page - Rohm RTR020N05 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RTR020N05
Transistors
2/2
Electrical characteristics (Ta=25 C)
п®¿³»¬»®
ͧ³¾±´
×ÙÍÍ
Ǻ-
Ó·²ò
̧°ò
Ó¿¨ò
˲·¬
ݱ²¼·¬·±²-
ÊøÞÎ÷ ÜÍÍ
×ÜÍÍ
ÊÙÍ ø¬¸÷
ÎÜÍ ø±²÷
Ý·--
ݱ--
Ý®--
¬¼ ø±²÷
¨
¬¼ ø±ºº÷
¼
Ϲ
Ϲ-
Ϲ¼
Ù¿¬»ó-±«®½» ´»¿µ¿¹»
Ü®¿·²ó-±«®½» ¾®»¿µ¼±©² ª±´¬¿¹»
Æ»®± ¹¿¬» ª±´¬¿¹» ¼®¿·² ½«®®»²¬
Ù¿¬» ¬¸®»-¸±´¼ ª±´¬¿¹»
ͬ¿¬·½ ¼®¿·²ó-±«®½» ±²ó-¬¿¬»
®»-·-¬¿²½»
Ú±®©¿®¼ ¬®¿²-º»® ¿¼³·¬¬¿²½»
ײ°«¬ ½¿°¿½·¬¿²½»
Ñ«¬°«¬ ½¿°¿½·¬¿²½»
못®-» ¬®¿²-º»® ½¿°¿½·¬¿²½»
Ì«®²ó±² ¼»´¿§ ¬·³»
η-» ¬·³»
Ì«®²ó±ºº ¼»´¿§ ¬·³»
Ú¿´´ ¬·³»
̱¬¿´ ¹¿¬» ½¸¿®¹»
Ù¿¬»ó-±«®½» ½¸¿®¹»
Ù¿¬»ó¼®¿·² ½¸¿®¹»
Ы´-»¼
ïð
kßÊÙÍãïîÊô ÊÜÍãðÊ
ÊÜÜ îëÊ
ìë
––
Ê×Üã ï³ßô ÊÙÍãðÊ
––
ï
kßÊÜÍã ìëÊô ÊÙÍãðÊ
ðòë
ïòë
ÊÊÜÍã ïðÊô ×Üã ï³ß
ïíð
ïèð
×Üã îòðßô ÊÙÍã ìòëÊ
ïíë
ïçð³
³
³
×Üã îòðßô ÊÙÍã ìÊ
ïèð
îëð
×Üã îòðßô ÊÙÍã îòëÊ
ïòë
––
ÍÊÜÍã ïðÊô ×Üã îòðß
îðð
°ÚÊÜÍã ïðÊ
ìë
îë
°ÚÊÙÍãðÊ
ïï
°Ú
ºãïÓئ
ïê
²-
îï
²-
ïï
²-
îòç
²-
ðòé
ìòï
²Ý
ðòç
²Ý
ÊÙÍã ìòëÊ
––
²Ý
×Üã îòðß
ÊÜÜ
îëÊ
×Üã ïòðß
ÊÙÍã ìòëÊ
ÎÔãîë
ÎÙãïð
ÎÔãïîòë
ÎÙãïð
Body diode characteristics (Source-drain) (Ta=25 C)
ÊÍÜ
––
ïòî
Ê×Íã ðòèßô ÊÙÍãðÊ
Ú±®©¿®¼ ª±´¬¿¹»
п®¿³»¬»®
ͧ³¾±´
Ó·²ò
̧°ò
Ó¿¨ò
˲·¬
ݱ²¼·¬·±²-


Similar Part No. - RTR020N05

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR020N05 ROHM-RTR020N05 Datasheet
54Kb / 3P
   2.5V Drive Nch MOS FET
RTR020N05FRA ROHM-RTR020N05FRA Datasheet
2Mb / 14P
   Nch 45V 2A Small Signal MOSFET
RTR020N05HZG ROHM-RTR020N05HZG Datasheet
2Mb / 15P
   Nch 45V 2A Small Signal MOSFET
RTR020N05TL ROHM-RTR020N05TL Datasheet
54Kb / 3P
   2.5V Drive Nch MOS FET
logo
VBsemi Electronics Co.,...
RTR020N05TL VBSEMI-RTR020N05TL Datasheet
502Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - RTR020N05

ManufacturerPart #DatasheetDescription
logo
Rohm
UM6K1N ROHM-UM6K1N_1 Datasheet
76Kb / 4P
   2.5V Drive NchNch MOS FET
QS5K2 ROHM-QS5K2 Datasheet
67Kb / 3P
   2.5V Drive NchNch MOS FET
QS6K1TR ROHM-QS6K1TR Datasheet
68Kb / 4P
   2.5V Drive NchNch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
QS6K1 ROHM-QS6K1_1 Datasheet
79Kb / 4P
   2.5V Drive NchNch MOS FET
EM6K1 ROHM-EM6K1_1 Datasheet
75Kb / 4P
   2.5V Drive NchNch MOS FET
US6K1 ROHM-US6K1 Datasheet
58Kb / 3P
   2.5V Drive NchNch MOS FET
UM5K1NTR ROHM-UM5K1NTR Datasheet
72Kb / 4P
   2.5V Drive NchNch MOS FET
UM6K1NTN ROHM-UM6K1NTN Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
RTQ020N03 ROHM-RTQ020N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOS FET
2SK3019TL ROHM-2SK3019TL Datasheet
78Kb / 4P
   2.5V Drive Nch MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com