Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK1902-6 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK1902-6
Description  HIGH SPEED/HIGH VOLTAGE VIDEO AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1902-6 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK1902-6 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1902-6 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1902-6 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1902-6 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1902-6 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK1902-6 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+110V
+110V
+75V
+130V
+17V
-12V
2V
±2V
-0.6 to +6V
-0.6 to +6V
High Voltage Supply (1902-0)
(1902-2)
(1902-4)
(1902-6)
Positive Supply Voltage
Negative Supply Voltage
Differential Input Voltage
Common Mode Input Voltage
Gain Adjust Input Voltage
Offset Adjust Input Voltage
-0.6 to +6V
5mA
-65°C to +150°C
300°C
175°C
290mA
-55°C to +125°C
-40°C to +85°C
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
+VCC = +15V, -VEE = -10.5V, VBLANK =0.4V, VGAIN = VOFF = ±VIN = 0V, CL=10pF, VHV=typical value and TC=25°C unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
RP=Internal RP except MSK 1902-0. External value = 400
Ω unless otherwise specified for the MSK 1902-0.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
2,5
TA=TC=+125°C
3,6
TA=TC=-55°C
+VHV
+VCC
-VEE
VIN
VIC
VGAIN
VOFF
Blank Input Voltage
Reference Output Current
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Junction Temperature
Current Through Rp
Case Operating Temperature Range
(All Devices B/E Suffix)
(All Devices No Suffix)
VBLANK
IREF
TST
TLD
TJ
IRP
TC
ELECTRICAL SPECIFICATIONS
NOTES:
mA
mA
V
°C/W
µA
µA
µA
µA
µA
µA
nS
dB
K
pF
mV
dB
V
V
V
V
V/V
V
V
nS
%GS
%
%GS
Min.
-
-
30
-
-
-
-
-
-
-
30
-
10
-
-
25
190
5.2
0
16
16
36
65
-
-
-
-
-
Max.
100
-100
110
35
±50
±250
600
400
10
10
-
-
-
-
-
420
5.8
10
52
52
138
-
20
4.0
±2
±2
±2
STATIC
High Voltage Supply
Thermal Resistance to Case
INPUT
Offset Adjust Input Current
Gain Adjust Input Current
Blank Input Pulse Width
Common Mode Rejection Ratio
Input Impedance
Input Capacitance
Blank Mode Input
Rejection
∆V
Gain Adjust Rejection
∆V
Power Supply Rejection Ratio
Internal Rp
OUTPUT
Reference Output Voltage
∆V Min Offset
Voltage Gain
Output Voltage High
Output Voltage Low
Transition Times
Linearity Error
Gain Linearity
Thermal Distortion
Parameter
VCM=0V @ +15V
VCM=0V @ -10.5V
TC
≤ 125°C
QOUT/QCAS
VBLANK=0.4V
VBLANK=2.4V
VOFF=1V
VGAIN=5V
Normal Operation
VCM=±0.5V F=10Hz
Either Input F=DC
Either Input
VBLANK=2.4V VIN=0.3V
∆V=VHV-VOUT
∆VGAIN=5V
+VCC and -VEE=Nom ±5%
IOUT<2mA
∆V=VHV-VOUT VOFF=1V
VBLANK=2.4V VGAIN=5V
∆V=VHV-VOUT VOFF=0V VGAIN=3V
VIN=0.6V F=10KHz VGAIN=3V Both Inputs
VGAIN=3V F=10KHz
VGAIN=3V F=10KHz
VIN=0.6V VOUT=Max TR=TF<0.5nS
VGAIN =4V VOFF=1V VCM=0.5V
VOFF=1V VIN=0.2V VCM=0.5V
Test Conditions 1
Max.
100
-100
130
35
±50
±250
600
400
10
10
-
-
-
-
-
420
5.8
10
52
52
145
-
20
8
±2
±2
±2
Typ.
75
-75
120
32
±1
±5
500
300
2
2
-
40
20
2
-
30
400
5.5
3
42
42
120
118
10
6.5
-
-
-
Min.
-
-
30
-
-
-
-
-
-
-
30
-
10
-
-
25
380
5.2
0
32
32
72
115
-
-
-
-
MSK1902-6
Max.
100
-100
75
35
±50
±250
600
400
10
10
-
-
-
-
-
210
5.8
6
26
26
68
-
20
2.8
±2
±2
±2
Typ.
75
-75
70
32
±1
±5
500
300
2
2
-
40
20
2
-
30
200
5.5
3
21
21
55
68
10
2.3
-
-
-
MSK1902-4
Typ.
75
-75
100
32
±1
±5
500
300
2
2
-
40
20
2
-
30
400
5.5
3
42
42
110
98
10
3.4
-
-
-
Min.
-
-
30
-
-
-
-
-
-
-
30
-
10
-
-
25
380
5.2
0
32
32
72
95
-
-
-
-
MSK1902-2
Max.
100
-100
110
35
±50
±250
600
400
10
10
-
-
-
-
-
-
5.8
10
52
56
138
-
20
5.5
±2
±2
±2
Typ.
75
-75
100
32
±1
±5
500
300
2
2
-
40
20
2
-
30
0
5.5
3
42
42
110
98
15
4.0
-
-
-
Min.
-
-
30
-
-
-
-
-
-
-
30
-
10
-
-
25
-
5.2
0
32
28
72
95
-
-
-
-
-
MSK1902-0
mV
-
-
±2xRp
-
-
±2xRp
-
-
±2xRp
-
-
±2xRp
3xRp
Rp
-3xRp
3xRp
Rp
-3xRp
3xRp
Rp
-3xRp
3xRp
Rp
-3xRp
mV
2
3
3
2
2
2
2
2
3
2
3
Quiescent Current
Input Bias Current
Blank Input Current
∆V Blank Mode
∆V Max Offset
±10xRp
±10xRp
±10xRp
±10xRp
2
3
2
2
Rev. B 2/03
2
Group A
Subgroup
1,2,3
1,2,3
-
-
1
2,3
1
1
1
1
-
-
-
-
-
-
-
1,2,3
1,2,3
1
2,3
4
4
4
4
-
-
-
1,2,3
-
Units
VCM=0V
∆V=VHV-VOUT VOFF=5V
2


Similar Part No. - MSK1902-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1900 MSK-MSK1900 Datasheet
254Kb / 6P
   HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901 MSK-MSK1901 Datasheet
170Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901B MSK-MSK1901B Datasheet
170Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1901E MSK-MSK1901E Datasheet
170Kb / 6P
   HIGH SPEED/HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
More results

Similar Description - MSK1902-6

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1922 MSK-MSK1922 Datasheet
236Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1932 MSK-MSK1932 Datasheet
285Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE VIDEO AMPLIFIER
MSK1903 MSK-MSK1903 Datasheet
260Kb / 6P
   HIGH SPEED/HIGH VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
logo
Analog Devices
AD830 AD-AD830 Datasheet
333Kb / 16P
   High Speed, Video Difference Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX440 MAXIM-MAX440 Datasheet
526Kb / 12P
   High-Speed Video Multiplixer/Amplifier
Rev 1; 7/95
logo
Analog Devices
AD830 AD-AD830_17 Datasheet
540Kb / 20P
   High Speed, Video Difference Amplifier
AD830 AD-AD830_15 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
AD830 AD-AD830_10 Datasheet
363Kb / 20P
   High Speed, Video Difference Amplifier
REV. C
logo
M.S. Kennedy Corporatio...
MSK1933 MSK-MSK1933 Datasheet
288Kb / 6P
   ULTRA HIGH SPEED/VOLTAGE NEGATIVE OUTPUT VIDEO AMPLIFIER
logo
TOKO, Inc
TK15452V TOKO-TK15452V Datasheet
258Kb / 2P
   High speed triple video amplifier IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com