Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV990-28PFBG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV990-28PFBG4
Description  3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990-28PFBG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV990-28PFBG4 Datasheet HTML 1Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 2Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 3Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 4Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 5Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 6Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 7Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 8Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLV99028
3V, 10BIT, 28MSPS AREA CCD ANALOG FRONT END
SLAS300A − AUGUST 2000 − REVISED MARCH 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C, AVDD
= DVDD = 3 V, ADCCLK = 28 MHz (unless otherwise noted)
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD operating current
34
mA
DVDD operating current
4
mA
Device power consumption
150
mW
Power consumption in power-down mode
2
mW
INL
Full CCD channel integral nonlinearity
AVDD=DVDD= 2.7 V – 3.3 V,
Using best fit method
±0.75
±2
LSB
DNL
Full CCD channel differential nonlinearity
AVDD=DVDD= 2.7 V – 3.3 V
±0.5 ±0.99
LSB
No missing code
Assured
Full channel output latency
6
CLK
cycles
analog-to-digital converter (ADC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC resolution in CCD mode
10
Bits
Full-scale input span
2
VP-P
Conversion rate
28
MHz
correlated double sample (CDS) and programmable gain amplifier (PGA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDS and PGA sample rate
28
MHz
CDS full-scale input span
Single-ended input
1
V
Input capacitance of CDS
4
pF
Minimum PGA gain
0
1
dB
Maximum PGA gain
35
36
37
dB
PGA gain resolution
0.045
dB
PGA programming code resolution
10
Bits
internal digital-to-analog converters (DAC) for offset correction
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC resolution
8
Bits
INL
Integral nonlinearity
±0.5
LSB
DNL
Differential nonlinearity
±0.5
LSB
Output settling time
To 1% accuracy
80
ns


Similar Part No. - TLV990-28PFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-21PFB TI-TLV990-21PFB Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
More results

Similar Description - TLV990-28PFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com