Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV990-28PFBG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV990-28PFBG4
Description  3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV990-28PFBG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV990-28PFBG4 Datasheet HTML 4Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 5Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 6Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 7Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 8Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 9Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 10Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 11Page - Texas Instruments TLV990-28PFBG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLV99028
3V, 10BIT, 28MSPS AREA CCD ANALOG FRONT END
SLAS300A − AUGUST 2000 − REVISED MARCH 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DI14
DI13
DI12
DI9
DI0
DI10
DI11
12
34
5
6
7
16
DI15
DI14
DI13
DI12
DI9
DI0
DI10
DI11
1
2
3
4
567
16
DI15
tCSF
tCSR
CS
SCLK
SDIN
tCSF
tCSR
CS
SCLK
SDIN
SCKP Pin is Pulled Low
SCKP Pin is Pulled High
Figure 3. Serial Interface Timing Diagram


Similar Part No. - TLV990-28PFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-21PFB TI-TLV990-21PFB Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
More results

Similar Description - TLV990-28PFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-21 TI-TLV990-21 Datasheet
311Kb / 22P
[Old version datasheet]   3-V,10-BIT,21-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI-TLV990-13 Datasheet
289Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP1021 TI-VSP1021 Datasheet
245Kb / 17P
[Old version datasheet]   3-V, 10-BIT, 25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
VSP10T21 TI-VSP10T21 Datasheet
284Kb / 21P
[Old version datasheet]   3-V, 10-BIT, 21-MSPS, ENHANCED TIMING CONTROL CCD ANALOG FRONT END
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com