Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5012TS Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5012TS
Description  HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5012TS Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5012TS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5012TS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5012TS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5012TS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5012TS Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Output Voltage Range
Input Voltage
Dropout Voltage
Dropout Voltage 2
Ripple Rejection
Thermal Resistance
Output Settling Time
VAdjust Voltage
Max.
36
±1.0
±2.0
36
0.010
0.75
±1.0
±2.0
±1.0
±1.0
10
10
-
0.8
-
1.248
V
%
%
V
V
V
%
%
%
%
mA
mA
dB
°C/W
µS
V
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5012
MSK5012B/E
Group A
Subgroup
-
1
2,3
-
1
1
1
2,3
1
2,3
1
2,3
-
-
-
1
VIN
IOUT
TJ
Input Voltage
Output Current
Junction Temperature
36V
10A within SOA
+175°C
TST
TLD
TC
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
1
2
3
4
5
6
7
NOTES:
Output decoupled to ground using 47µF minimum capacitor and R1=30KΩ; R2=10KΩ unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device
performance at 25°C but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Does not include tolerance effects from external resistors.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
R2=10KΩ
With Respect to VOUT
IOUT= 0A
IOUT=10A
VIN=VOUT+3V
100mA ≤ IOUT ≤ 9A
f=120Hz
Junction to Case @ 125°C
To within 10mV (IOUT=0A)
VIN = VOUT +3V
Max.
36
±1.5
-
36
0.010
1.0
±1.5
-
±1.5
-
12
-
-
0.8
-
1.26
Parameter
MSK 5012
MSK 5012B/E
ELECTRICAL SPECIFICATIONS
Min.
1.3
-
-
1.3
-
-
-
-
-
-
-
-
-
-
-
1.222
Typ.
-
±0.3
±1.0
-
0.002
0.4
±0.5
±0.5
±0.3
-
4.5
-
45
0.7
5
1.235
Min.
1.3
-
1.3
-
-
-
-
-
-
-
-
-
-
-
1.21
Typ.
-
±0.3
-
-
0.002
0.5
±0.5
-
±0.3
-
4.5
-
45
0.7
5
1.24
2
3
Test Conditions
Load Regulation
(VOUT +1.5) ≤ VIN ≤ (VOUT+15), IOUT=100mA
Units
Line Regulation
2
2
Rev. H 10/02
VIN=VOUT+3V; IOUT=0A
Quiescent Current
IOUT=100mA; VIN=VOUT+3V
Ouput Voltage Tolerance 7
2
2
2


Similar Part No. - MSK5012TS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
More results

Similar Description - MSK5012TS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5021 MSK-MSK5021 Datasheet
260Kb / 6P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5021 ANAREN-MSK5021 Datasheet
140Kb / 6P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010 ANAREN-MSK5010 Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
List of Unclassifed Man...
B29150 ETC1-B29150 Datasheet
62Kb / 5P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output
logo
New Japan Radio
NJM2887 NJRC-NJM2887 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2387 NJRC-NJM2387 Datasheet
174Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
NJM2397 NJRC-NJM2397 Datasheet
117Kb / 5P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
   SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Sipex Corporation
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com