Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5030-5.0 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5030-5.0
Description  HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5030-5.0 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5030-5.0 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5030-5.0 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5030-5.0 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5030-5.0 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5030-5.0 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5030-5.0 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5030
SERIES
ISO-9001 CERTIFIED BY DSCC
HIGH EFFICIENCY,
4 AMP STEP-DOWN
SWITCHING REGULATORS
Up To 95% Efficiency For 5V Version
4 Amp Output Current
4.5V to 30V Input Range
Preset 2.5V, 3.3V or 5.0V Output Versions
300KHz Switching Frequency @ 1 Amp
User Programmable Soft-Start
Quiescent Current < 0.5mA
User Programmable Current Limit
DESCRIPTION:
EQUIVALENT SCHEMATIC
The MSK 5030 series are high efficiency, 4 amp, step-down switching regulators. The output voltage is configured
for 2.5V, 3.3V or 5.0V internally and the input range is 4.5V to 30V. The operating frequency of the MSK 5030 is
300KHz and is internally set. An external "soft start" capacitor allows the user to control how quickly the output
comes up to regulation voltage after the application of an input. An extremely low quiescent current of typically less
than 0.5mA and 95% operating efficiency keeps the total internal power dissipation of the MSK 5030 down to an
absolute minimum. A surface mount version, MSK 5040, is also available if desired.
MIL-PRF-38534 QUALIFIED
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Step-down Switching Regulator
Microprocessor Power Source
High Efficiency Low Voltage
Subsystem Power Supply
Cton
Enable
Sense High
Sense Low
Ground
1
2
3
4
5
8
7
6
Output
Input
PGround
Rev. E 6/02
1


Similar Part No. - MSK5030-5.0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5030-5.0B ANAREN-MSK5030-5.0B Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results

Similar Description - MSK5030-5.0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com