Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5041-3.3H Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5041-3.3H
Description  HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5041-3.3H Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5041-3.3H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5041-3.3H Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MECHANICAL SPECIFICATIONS
LEAD FORM OPTIONS
BLANK=STRAIGHT; G=GULL WING
SCREENING
BLANK=INDUSTRIAL; H=MIL-PRF-38534
E=EXTENDED RELIABILITY
OUTPUT VOLTAGE
1.9V=+1.9V; 2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
The above example is a +3.3V, MIL-PRF-38534 Class H regulator with gull wing leads.
WEIGHT=16 GRAMS TYPICAL
ESD Triangle indicates Pin 1
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5041-3.3 H G
ORDERING INFORMATION
6
Rev. B 2/06


Similar Part No. - MSK5041-3.3H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5040-1.9 MSK-MSK5040-1.9 Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9E MSK-MSK5040-1.9E Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9EG MSK-MSK5040-1.9EG Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9G MSK-MSK5040-1.9G Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5040-1.9H MSK-MSK5040-1.9H Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results

Similar Description - MSK5041-3.3H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5040-3.3H MSK-MSK5040-3.3H Datasheet
327Kb / 7P
   HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5043H MSK-MSK5043H Datasheet
353Kb / 7P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
List of Unclassifed Man...
LAS6380 ETC1-LAS6380 Datasheet
266Kb / 5P
   8 AMP SWITCHING REGULATORS
LAS6580 ETC1-LAS6580 Datasheet
398Kb / 8P
   8 AMP SWITCHING REGULATORS
LAS-6380 ETC1-LAS-6380 Datasheet
305Kb / 5P
   8 AMP SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com