Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5030-2.5B Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5030-2.5B
Description  HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5030-2.5B Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5030-2.5B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5030-2.5B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5030-2.5B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5030-2.5B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5030-2.5B Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5030-2.5B Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Rev. E 6/02
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
B=MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
The above example is a +3.3V, Military regulator.
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5030-3.3 B
ORDERING INFORMATION
6


Similar Part No. - MSK5030-2.5B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5030-2.5B ANAREN-MSK5030-2.5B Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
More results

Similar Description - MSK5030-2.5B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com