Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5010-12EZS Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5010-12EZS
Description  HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-12EZS Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5010-12EZS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-12EZS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-12EZS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-12EZS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-12EZS Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART 7
NUMBER
IOUT=100mA; VIN=VOUT+3V
IOUT= 0A
IOUT=10A
VIN=VOUT+3V
100mA ≤ IOUT ≤ 9A
(VOUT +1.5V) ≤ VIN ≤ (VOUT+15V)
IOUT=100mA
VEN=VIN; VIN=VOUT+3V; IOUT=0A
VEN=0V; VIN=VOUT+3V; IOUT=0A
f=120Hz
Junction to Case
To within 10mV
Output Voltage Tolerance
Dropout Voltage 2
Load Regulation
Line Regulation
Quiescent Current
Ripple Rejection 2
Thermal Resistance 2
Enable Input Voltage 2
Enable Input Current 2
Output Settling Time 2
8
HIGH
LOW
HIGH
LOW
VIN
VEN
IOUT
TJ
Parameter
MSK 5010 SERIES
MSK 5010B/E SERIES
Input Voltage
Enable Voltage
Output Current
Junction Temperature
36V
-0.3V to 36V
10A within SOA
+175°C
TST
TLD
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5010 Series
MSK5010B/E Series
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
3
Test Conditions
1
2
NOTES:
Output decoupled to ground using 47µF minimum capacitor unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and "E" suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Please consult the factory if alternate output voltages are required.
After application of enable pulse
+12.0V
MSK5010-3.3
MSK5010-5.0
MSK5010-12
+3.3V
+5.0V
OUTPUT
VOLTAGE
TA=TC=+25°C
TA=TC=+125°C
TA=TC= -55°C
Group A
Subgroup
1
2,3
1
1
1
2,3
1
2,3
1,2,3
1,2,3
-
-
1
1
1
1
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
Typ.
±0.3
±1.0
0.002
0.45
±0.5
±0.5
±0.3
±0.5
4.5
0.15
45
0.7
1.2
1.2
12.5
0.8
5
Max.
±1.5
±2.0
0.010
0.75
±1.0
±2.0
±1.0
±1.0
10
5.0
-
0.8
-
0.8
50
25
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
2.4
-
-
-
-
Typ.
±0.5
-
0.002
0.5
±0.5
-
±0.5
-
4.5
0.15
45
0.7
1.2
1.2
20
10
5
Max.
±1.5
-
0.015
1.0
±1.5
-
±1.5
-
10
5.0
-
1.0
-
0.8
50
25
-
Units
%
%
V
V
%
%
%
%
mA
µA
dB
°C/W
V
V
µA
µA
µS
2
2
Rev. H 10/02
3
4
5
6
7
8


Similar Part No. - MSK5010-12EZS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
logo
Anaren Microwave
MSK5010-12BTD ANAREN-MSK5010-12BTD Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-12BTS ANAREN-MSK5010-12BTS Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-12BTU ANAREN-MSK5010-12BTU Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - MSK5010-12EZS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5020-3.3B MSK-MSK5020-3.3B Datasheet
268Kb / 6P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com