Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5043H Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5043H
Description  HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5043H Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5043H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5043H Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MECHANICAL SPECIFICATIONS
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5043 H G
ORDERING INFORMATION
6
Rev. A 2/06
LEAD FORM OPTION
BLANK=STRAIGHT; G=GULL WING
SCREENING
BLANK= INDUSTRIAL; E = EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
GENERAL PART NUMBER
Weight=15 Grams Typical


Similar Part No. - MSK5043H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5043H ANAREN-MSK5043H Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043HG ANAREN-MSK5043HG Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results

Similar Description - MSK5043H

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5042H MSK-MSK5042H Datasheet
355Kb / 7P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5041-3.3H MSK-MSK5041-3.3H Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
logo
National Semiconductor ...
HS7067 NSC-HS7067 Datasheet
362Kb / 10P
   AMP, MULTIMODE, HIGH EFFICIENCY SWITCHING REGULATOR
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
International Rectifier
OM7612NM IRF-OM7612NM Datasheet
19Kb / 2P
   SURFACE MOUNT 1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7612SM IRF-OM7612SM Datasheet
30Kb / 2P
   SURFACE MOUNT 1.0 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7638SM ETC2-OM7638SM Datasheet
20Kb / 2P
   SURFACE MOUNT NEGATIVE ADJUSTABLE 3.0 AMP VOLTAGE REGULATOR
OM7636SM ETC2-OM7636SM Datasheet
21Kb / 2P
   SURFACE MOUNT NEGATIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com