Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64894FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M64894FP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64894FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M64894FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64894FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI ICS (TV)
M64894FP/GP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
3
DESCRIPTION OF PIN
ABSOLUTE MAXIMUM RATINGS (Ta=-20
°C to +75°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (Ta=-20
°C to +75°C, unless otherwise noted)
Pin No.
Symbol
Pin name
Function
1
fin
Prescaler input
Input for the VCO frequency.
2
GND
GND
Ground to 0V.
3VCC1
Power supply voltage 1
Power supply voltage terminal. 5.0V
±0.5V
4VCC2
Power supply voltage 2
Power supply for band switching, Vcc1 to 13.2V
5
6
7
8
BS4
BS3
BS2
BS1
Band switching outputs
PNP open collector method is used.
When the band switching data is "H", the output is ON.
When it is "L", the output is OFF.
9
Vin
Filter input
(Charge pump output)
This is the output terminal for the LPF input and charge pump output. When the
phase of the programmable divider output (f 1/N) is ahead compared to the
reference frequency (fref), the "source" current state becomes active.
If it is behind, the "sink" current becomes active.
If the phases are the same, the high impedance state becomes active.
10
Vtu
Tuning output
This supplies the tuning voltage.
11
VCC3
Power supply voltage 3
Power supply voltage for tuning voltage 28 to 35V
12
ADC/ftest
AD converter input/
Test port
A/D conversion of the input voltage.
In control byte data input, the programmabule freq. Divider output and reference
freq. output is selected by the test mode.
13
SCL
Clock input
Data is read into the shift register when the clock signal falls.
14
SDA
Data input
Input for band SW and programmable freq. divider set up.
In lead mode, itoutputs lock detector output and power down flagand a state of 5
level A/D converter.
15
ADS
Address switching input
Chip address sets it up with the input condition of terminal.
16
Xin
This is connected to the
crystal oscillator
4.0MHz crystal oscillator is connected.
Symbol
Parameter
Conditions
Ratings
Unit
VCC1
Supply voltage 1
Pin3
6.0
V
VCC2
Supply voltage 2
Pin4
14.4
V
VCC3
Supply voltage 3
Pin11
36.0
V
VI
Input voltage
Not to exceed VCC1
6.0
V
VO
Output voltage
fREF output
6.0
V
VBSOFF
Voltage applied when the band output is
OFF
14.4
V
IBSON
Band output current
Per 1 band output circuit
50.0
mA
tBSON
ON the time when the band output is ON
50mA per 1 band output circuit
3circuit are pn at same time
10
sec
Pd
Power dissipation
Ta=+75
°C
450 (470)
mW
Topr
Operating temperature
-20 to +75
°C
Tstg
Storage temperature
-40 to +125
°C
Symbol
Parameter
Conditions
Ratings
Unit
VCC1
Supply voltage 1
Pin3
4.5 to 5.5
V
VCC2
Supply voltage 2
Pin4
VCC1 to 13.2
V
VCC3
Supply voltage 3
Pin11
28 to 35
V
fopr1
Operating frequency (1)
Crystal oscillation circuit
4.0
MHz
fopr2
Operating frequency (2)
80 to 1,300
MHz
IBDL
Band output current 5 to 8
Normally 1 circuit is on. 2 circuits on at the
same time is max. It is prohibited to have
3 or more circuits turned on at the same time.
0 to 40
mA


Similar Part No. - M64894FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
   Serial Input PLL Frequency Synthesizer for TV/VCR
More results

Similar Description - M64894FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
   Serial Input PLL Frequency Synthesizer for TV/VCR
logo
Mitsubishi Electric Sem...
M56770 MITSUBISHI-M56770 Datasheet
379Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M54939 MITSUBISHI-M54939 Datasheet
344Kb / 6P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR VCR
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
   Serial input pll prequency synthesizer for TV/VCR
logo
Renesas Technology Corp
M64893AGP RENESAS-M64893AGP Datasheet
295Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHES IZER FOR TV/VCR
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com