Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5040-3.3G Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5040-3.3G
Description  HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5040-3.3G Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5040-3.3G Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5040-3.3G Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APPLICATION NOTES CONT'D
RF HIGH:
It is very important that the DC voltage returned to the RF high pin from the output be as noise and oscillation free as possible.
This voltage helps to determine the final output and therefore must be a clean voltage. Excessive noise or oscillation can cause the
device to have an incorrect output voltage. Proper PC board layout techniques can help to achieve a noise free voltage at the RF
high pin.
Under heavy loads, the MSK 5040 operates in full PWM mode. Each pulse from the oscillator sets the internal PWM latch that
turns on the high-side MOSFET. As the high-switch turns off, the synchronous rectifier latch is set. 60ns later the low-side
MOSFET turns on until the start of the next clock cycle or until the inductor current crosses zero. Under fault conditions the current
exceeds the ±100mV current-limit threshold and the high-side switch turns off.
At light loads the inductor current does not exceed the 30mV threshold set by the minimum-current comparator. When this
occurs, the MSK 5040 goes into idle mode, skipping most of the oscillator pulses in order to reduce the switching frequency and
cut back gate-charge losses. The oscillator is gated off at light loads because the minimum-current comparator immediately resets
the high-side latch at the start of each cycle. Refer to Table 1 for the operational characteristics.
DEVICE DISABLED
PULSE SKIPPING MODE DISCONTINUOUS INDUCTOR CURRENT
PULSE SKIPPING MODE CONTINUOUS INDUCTOR CURRENT
CONSTANT FREQ. PWM MODE CONTINUOUS INDUCTOR CURRENT
DESCRIPTION
0
1
1
1
ENABLE
LOAD
X
LOW <10%
MED <30%
HIGH >30%
OPERATIONAL CHARACTERISTICS
TABLE 1
TYPICAL 2.5V APPLICATION CIRCUIT
Rev. F 2/06
4
MODES OF OPERATION:


Similar Part No. - MSK5040-3.3G

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5041-1.9 MSK-MSK5041-1.9 Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9E MSK-MSK5041-1.9E Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9H MSK-MSK5041-1.9H Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5 MSK-MSK5041-2.5 Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5E MSK-MSK5041-2.5E Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results

Similar Description - MSK5040-3.3G

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5041-3.3H MSK-MSK5041-3.3H Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5042H MSK-MSK5042H Datasheet
355Kb / 7P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5046-3.3HRH MSK-MSK5046-3.3HRH Datasheet
753Kb / 9P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com