Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5040-5.0G Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5040-5.0G
Description  HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5040-5.0G Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5040-5.0G Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5040-5.0G Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Within SOA
0.75A
≤IOUT≤2.5A
IOUT=1A 6V
≤VIN≤20V
Internal IOUT
≥1.5A
High
Low
VEN=VIN
VEN=0V
VEN=0V VIN=30V
Positive
Negative
Source
Fault Sink
VIN=5.0V IOUT=1.5A
VIN=5.0V IOUT=1.5A
VIN=5.0V IOUT=1.5A
VIN=6V IOUT=1A
Enable Input Voltage
Enable Input Current
Current Limit Threshold
Cton Current
Efficiency
8
5040-1.9
5040-2.5
5040-3.3
5040-5.0
V
V
V
V
V
V
V
V
V
A
%
%/V
KHz
V
V
µA
µA
mA
mV
mV
µA
mA
%
%
%
%
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5040 Series
MSK5040H/E Series
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
Input Voltage
Enable Voltage
Output Current
Sense Pin Voltage
Thermal Resistance
(Each MOSFET)
-0.3V, +36V
-0.3V, +36V
5.0 Amps
-0.3V, +7V
17°C/W
1,2,3
1
2,3
1
2,3
1
2,3
1
2,3
1
-
1,2,3
-
1,2,3
1,2,3
1
1
1
1
1
1
1
1
1
1
1
Input Supply Range
Output Current
Load Regulation
Line Regulation
Oscillator Frequency
Disabled Quiescent Current
-
1.9
-
2.5
-
3.3
-
5.0
-
4.5
1.5
0.06
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
70
80
90
95
ELECTRICAL SPECIFICATIONS
4.75
1.88
1.8
2.47
2.38
3.27
3.14
4.95
4.75
4.0
-
-
270
2.0
-
-
-
-
80
-50
2.5
2.0
-
-
-
-
-
1.9
1.9
2.5
2.5
3.3
3.3
5.0
5.0
4.5
1.5
0.06
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
70
80
90
95
30
1.92
2.0
2.53
2.63
3.33
3.47
5.05
5.25
-
-
0.10
330
-
0.5
2.0
2.0
2.5
120
-160
6.5
-
-
-
-
-
4.75
1.86
-
2.45
-
3.23
-
4.9
-
4.0
-
-
270
2.0
-
-
-
-
75
-45
2.5
2.0
-
-
-
-
30
1.94
-
2.55
-
3.37
-
5.1
-
-
-
0.15
330
-
0.5
2.0
2.0
2.5
125
-165
6.5
-
-
-
-
-
Group A
Subgroup
Min.
Typ.
Max.
Min.
Typ.
Max.
MSK 5040 SERIES
MSK 5040 H/E SERIES
Units
Test Conditions
Parameter
1
2
2
2
2
2
2
2
7
1
2
3
4
5
6
7
8
9
VIN=Enable, 5mV
≤(sense high-sense low)≤75mV, IL=0A, COUT=6x330µF, CIN=6x220µF, CTON=0.01µF unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Actual switching frequency can be load dependent if output current is low. Refer to typical performance curves.
Alternate output voltages are available. Please contact the factory.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
NOTES:
Rev. F 2/06
2
8
2
8
8
Output Voltage 5040-1.9
Output Voltage 5040-2.5
Output Voltage 5040-3.3
Output Voltage 5040-5.0
IOUT=1.5A VIN=5.0V
IOUT=1.5A VIN=5.0V
IOUT=1.5A VIN=5.0V
IOUT=1.5A VIN=6V
9


Similar Part No. - MSK5040-5.0G

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5041-1.9 MSK-MSK5041-1.9 Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9E MSK-MSK5041-1.9E Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9H MSK-MSK5041-1.9H Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5 MSK-MSK5041-2.5 Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5E MSK-MSK5041-2.5E Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results

Similar Description - MSK5040-5.0G

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5041-3.3H MSK-MSK5041-3.3H Datasheet
269Kb / 7P
   HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5042H MSK-MSK5042H Datasheet
355Kb / 7P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
   HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5046-3.3HRH MSK-MSK5046-3.3HRH Datasheet
753Kb / 9P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
logo
Anaren Microwave
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
   HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com