Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DD13002B-TO-92 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 3DD13002B-TO-92
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

3DD13002B-TO-92 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  3DD13002B-TO-92 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
3DD13002/ 3DD13002B
TRANSISTOR (NPN)
FEATURE
Power dissipation
PCM:
900
mW (Tamb=25
℃)
Collector current
ICM:
3DD13002:
1
A
3DD13002B:
0.8
A
Collector-base voltage
V(BR)CBO:
600
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100
µA, IE=0
600
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA, IB=0
400
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 600V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB= 6V, IC=0
100
µA
hFE(1)
VCE= 10V, IC= 200 mA
9
40
hFE(2)
VCE= 10V, IC= 10 mA
6
Collector-emitter saturation voltage
VCE(sat)
IC=200mA, IB= 40 mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=200mA, IB=40 mA
1.1
V
Transition frequency
fT
VCE=10V, Ic=100mA
f =1MHz
5
MHz
Fall time
tf
0.5
µs
Storage time
ts
IC=1A, IB1=-IB2=0.2A
VCC=100V
2.5
µs
CLASSIFICATION OF hFE(1)
Range
9-15
15-20
20-25
25-30
30-35
35-40
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE


Similar Part No. - 3DD13002B-TO-92

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
3DD13002B-TA DGNJDZ-3DD13002B-TA Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 3DD13002B-TO-92

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com