Electronic Components Datasheet Search |
|
MSK5045-2.5G Datasheet(PDF) 2 Page - M.S. Kennedy Corporation |
|
MSK5045-2.5G Datasheet(HTML) 2 Page - M.S. Kennedy Corporation |
2 / 9 page VIN=VBias=28V, 5mV ≤(sense high-sense low) ≤ 75mV, IL=0A, Enable=NC, PWR SAVE=NC COUT=6x220µF, CIN=1x250µF+4x10µF, CTON=0.01µF unless otherwise specified. Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only. All output parameters are tested using a low duty cycle pulse to maintain TJ = TC. Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified. Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3. Subgroup 1 Subgroup 2 Subgroup 3 Actual switching frequency is load dependent if output current is low and sense resistor is large or zero. Refer to typical performance curves. Alternate output voltages are available. Please contact the factory. The device can withstand input voltages as high as 80V, but efficiency is best at lower inputs. With VBias (pin 11) connected to a separate source, VIN Min. is VOUT+VDROPOUT; see dropout curves. Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle. TST TLD TC TJ Storage Temperature Range Lead Temperature Range (10 Seconds) Case Operating Temperature MSK5045 Series MSK5045H/E Series Junction Temperature ABSOLUTE MAXIMUM RATINGS -65°C to +150°C 300°C -40°C to +85°C -55°C to +125°C +150°C Input Voltage Enable PWR SAVE Output Current Sense Pin Voltage Thermal Resistance (@ 125°C) (Each MOSFET) -0.3V, +80V -0.3V, 10.5V -0.3V, 5.5V 4.0 Amps -0.3V, +7V 15°C/W ELECTRICAL SPECIFICATIONS Rev. G 2/06 2 NOTES: 1 2 3 4 5 6 7 8 9 10 11 TA=TC=+25°C TA=TC=+125°C TA=TC=-55°C 11 |
Similar Part No. - MSK5045-2.5G |
|
Similar Description - MSK5045-2.5G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |