Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPT5610 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # TPT5610
Description  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

TPT5610 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  TPT5610 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92L Plastic-Encapsulate Transistors
TPT5610 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
1
W (Tamb=25
℃)
Collector current
ICM:
-1
A
Collector-base voltage
V(BR)CBO:
-25
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-
10µA, IE=0
-25
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-
1mA, IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V, IE=0
-1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
µA
DC current gain
hFE
VCE=-2V, IC=-500mA
60
240
Collector-emitter saturation voltage
VCE(sat)
IC=-800mA, IB=-80mA
-0.5
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500mA
-1
V
Transition frequency
fT
VCE=-2V, IC=-500mA
350
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
38
pF
CLASSIFICATION OF
hFE
Rank
A
B
C
Range
60-120
85-170
120-240
1 2 3
TO-92L
1.
EMITTER
2.
COLLECTOR
3.
BASE


Similar Part No. - TPT5610

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
TPT5610 WINNERJOIN-TPT5610 Datasheet
123Kb / 1P
   TRANSISTOR (PNP)
More results

Similar Description - TPT5610

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com