Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5010-5EZD Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK5010-5EZD
Description  HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5010-5EZD Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK5010-5EZD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5010-5EZD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5010-5EZD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5010-5EZD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5010-5EZD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
5
Rev. H 10/02
TOP TAB
Z- TAB
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED
ORDERING INFORMATION
LEAD CONFIGURATIONS
S= STRAIGHT; U= BENT UP; D= BENT DOWN
PACKAGE STYLE
T= TOP TAB; Z= Z PACK
SCREENING
BLANK=INDUSTRIAL; E=EXTENDED RELIABILITY
B=MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
3.3=+3.3V; 5=+5.0V; 12=+12.0V
GENERAL PART NUMBER
MSK5010-3.3 B T U
THE ABOVE EXAMPLE IS A +3.3V, MILITARY REGULATOR USING THE TOP TAB PACKAGE
WITH LEADS BENT UP.
NOTE: ESD Triangle indicates Pin 1.


Similar Part No. - MSK5010-5EZD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
logo
Anaren Microwave
MSK5010-5BTD ANAREN-MSK5010-5BTD Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-5BTS ANAREN-MSK5010-5BTS Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5010-5BTU ANAREN-MSK5010-5BTU Datasheet
743Kb / 7P
   HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - MSK5010-5EZD

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5020-3.3B MSK-MSK5020-3.3B Datasheet
268Kb / 6P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com