Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5046-1.7HRH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5046-1.7HRH
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-1.7HRH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5046-1.7HRH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-1.7HRH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
-0.3V, +20V
-0.3V, 18V
-0.3V, VBIAS
5.0 Amps
6.0°C/W
7.5°C/W
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5046RH K/H/E Series
MSK5046RH Series
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
+150°C
Input Voltage
VBIAS Voltage
Enable
Output Current
Thermal Resistance MOSFET(@ 125°C)
Diode(@ 125°C)
ELECTRICAL SPECIFICATIONS
PRELIMINARY Rev. G 2/06
2
NOTES:
1
2
3
4
5
6
7
8
9
10
11
12
VIN=12V, VBIAS=12V, IOUT=4.0A, RSENSE=15m
Ω, COUT=3x100µF Low ESR tantalum (AVX P/N TAZH107M015L) + 1.0µF ceramic,
SOFT START=NC, ENABLE=NC, ADJUST=NC, unless otherwise specified.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' and 'K' suffix) shall be 100% tested to subgroups 1,2,3,4 and 7.
Subgroup 1,4,7
Subgroup 2
Subgroup 3
The device can operate with input voltages as high as 18V, but efficiency is best at lower inputs.
With VBIAS connected to a separate source, VIN Min. is VOUT + VDROPOUT; see typical dropout curves.
Contact factory for post radiation limits.
Sense resistor losses and VBIAS power not included. See typical performance curves.
The disabled bias current is the sum of the enable pin sink current (approximately VBIAS/10K
Ω) and the internal bias current.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
12


Similar Part No. - MSK5046-1.7HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-1.7HRH MSK-MSK5046-1.7HRH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5046-1.7HRHG MSK-MSK5046-1.7HRHG Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-1.7HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com