Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8650 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8650
Description  4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8650 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8650 Datasheet HTML 1Page - Maxim Integrated Products MAX8650 Datasheet HTML 2Page - Maxim Integrated Products MAX8650 Datasheet HTML 3Page - Maxim Integrated Products MAX8650 Datasheet HTML 4Page - Maxim Integrated Products MAX8650 Datasheet HTML 5Page - Maxim Integrated Products MAX8650 Datasheet HTML 6Page - Maxim Integrated Products MAX8650 Datasheet HTML 7Page - Maxim Integrated Products MAX8650 Datasheet HTML 8Page - Maxim Integrated Products MAX8650 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4.5V to 28V Input Current-Mode Step-Down
Controller with Adjustable Frequency
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, VBST - VLX = 6.5V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
REFIN = AVL
0.693
0.7
0.707
FB Regulation Voltage
VREFIN = 0.7V to 1.5V
VREFIN
-
0.00375
VREFIN
VREFIN
+
0.00375
V
Transconductance
70
110
160
µS
COMP Shutdown Resistance
From COMP to GND, VEN = 0V
20
100
FB Input Leakage Current
VFB = 0.7V
5
50
nA
FB Input Common-Mode Range
-0.1
+1.5
V
CURRENT-SENSE AMPLIFIER
Voltage Gain
VOUT = 0 to 5.5V, VCS+ - VCS- = 30mV
12
V/V
CURRENT LIMIT
RILIM1 = 24k
27.2
32.0
36.8
Peak Current-Limit
Threshold (VCS+ - VCS-)
ILIM1 = AVL
68.0
80.0
92.0
mV
RILIM2 = 50k
-42.5
-50.0
-57.5
Valley Current-Limit Threshold
(VLX - VPGND)
RILIM2 = 200k
-170
-200
-230
mV
Negative Current-Limit Threshold
% of (typ) positive direction current limit (VLX - VPGND)
-90
-120
-150
%
CS+, CS- Input Current
VCS+ = VCS- = 0V or 5.5V
-25
+25
µA
CS+, CS- Input Common-Mode
Range
0
5.5
V
SLOPE COMPENSATION
VSCOMP = 2.5V
231.25
250.00
268.75
VSCOMP = 1.25V
113.77
123.00
132.23
SCOMP = AVL
231.25
250.00
268.75
SCOMP = GND, TA = 0°C to +85°C
113.77
123.00
132.23
Slope Compensation at Maximum
Duty Cycle
TA = -40°C to +85°C
110.70
123.00
132.23
mV
SCOMP High Threshold
VAVL - 0.5
V
SCOMP Low Threshold
0.5
V
SCOMP Adjustment Range
1.25
2.5
V
SCOMP Input Leakage Current
VSCOMP = 1.25V to 2.5V
5
200
nA
OSCILLATOR
RFSYNC = 21.0k
800
1000
1200
Switching Frequency
RFSYNC = 143k
160
200
240
kHz
Minimum Off-Time
Measured at DH
235
ns
Minimum On-Time
Measured at DH
75
100
ns


Similar Part No. - MAX8650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
   Compact, Dual-Output Charge Pump
Rev 1; 7/97
MAX8653 MAXIM-MAX8653 Datasheet
133Kb / 1P
   Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches
Rev 0; 7/07
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
MAX8654 MAXIM-MAX8654 Datasheet
220Kb / 17P
   12V, 8A 1.2MHz Step-Down Regulator Operates from 4.5V to 14V Supply
Rev 3; 6/11
More results

Similar Description - MAX8650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3845 LINER-LT3845_1 Datasheet
254Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845_15 Datasheet
259Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845 LINER-LT3845 Datasheet
229Kb / 24P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
LT3845A LINER-LT3845A_15 Datasheet
293Kb / 26P
   High Voltage Synchronous Current Mode Step-Down Controller with Adjustable Operating Frequency
logo
Texas Instruments
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
logo
Shenzhen Huazhimei Semi...
HM3126 HMSEMI-HM3126 Datasheet
1Mb / 6P
   4.5V to 80V Input 1.25A Asynchronous Step-down Controller
logo
Texas Instruments
TPS54335 TI1-TPS54335_13 Datasheet
1Mb / 40P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
logo
Monolithic Power System...
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
   4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
logo
Maxim Integrated Produc...
MAX17557 MAXIM-MAX17557 Datasheet
793Kb / 21P
   4.5V to 60V, Synchronous Step-Down Controller
Rev 0; 6/17
MAX17557 MAXIM-MAX17557_V01 Datasheet
750Kb / 25P
   4.5V to 60V, Synchronous Step-Down Controller
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com