Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5046-2.5HRH Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # MSK5046-2.5HRH
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-2.5HRH Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

  MSK5046-2.5HRH Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-2.5HRH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL SPECIFICATIONS
PRELIMINARY Rev. G 2/06
The above example is a +3.3V, Class H screened regulator with gull wing leads.
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ORDERING INFORMATION
8
MSK5046-3.3 H RH G
LEAD FORM OPTIONS
BLANK=STRAIGHT; G=GULL WING
RADIATION HARDENED
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H=MIL-PRF-38534 CLASS H; K= MIL-PRF-38534 CLASS K
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V; 2.0=+2.0V;
2.5=+2.5V; 3.0=+3.0V; 3.3=+3.3V; 3.4=+3.4V; 5.0=+5.0V
GENERAL PART NUMBER
WEIGHT= 17 GRAMS TYPICAL


Similar Part No. - MSK5046-2.5HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-2.5HRH MSK-MSK5046-2.5HRH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK5046-2.5HRHG MSK-MSK5046-2.5HRHG Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-2.5HRH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com