Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK707H Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK707H
Description  ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK707H Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK707H Datasheet HTML 1Page - M.S. Kennedy Corporation MSK707H Datasheet HTML 2Page - M.S. Kennedy Corporation MSK707H Datasheet HTML 3Page - M.S. Kennedy Corporation MSK707H Datasheet HTML 4Page - M.S. Kennedy Corporation MSK707H Datasheet HTML 5Page - M.S. Kennedy Corporation MSK707H Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Input Noise Voltage
Input Noise Voltage Density
Input Noise Current Density
OUTPUT
Output Voltage Swing
Output Current
Settling Time
1
Full Power Bandwidth
Bandwidth (Small Signal)
TRANSFER CHARACTERISTICS
Slew Rate
Supply Voltage
Peak Output Current
Differential Input Voltage
Thermal Resistance
Junction to Case
Output Devices Only
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
300°C
(10 Seconds Soldering)
Power Dissipation
See Curve
Junction Temperature
150°C
Case Operating Temperature Range
(MSK707H/E)
-55°C to+125°C
(MSK707)
-40°C to +85°C
Group A
Subgroup
-
1
2,3
-
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
-
4
-
-
4
V
mA
mA
°C/W
µV
µV/°C
nA
nA
nA
nA
M
µV/V
µVp-p
nV
√Hz
pA
√Hz
V
mA
nS
MHz
MHz
V/µS
Vin=0V
Av=-1V/V
Output Devices Junction to Case
Vin=0V Av=-100V/V
Vin=0V
Vcm=0V
Either Input
Vcm=0V
F=DC Differential
∆Vcc=±5V
F= 0.1Hz To 10Hz
F=1KHz
F=1KHz
RL=100
Ω Av=-3V/V F≤10MHz
TJ<150°C
0.1% 10V step RL=1K
RL=100
Ω Vo=±10V
RL=100
VOUT=±10V RL=1K
Ω Av= -1.5V/V
±18V
±200mA
±12V
46°C/W
±VCC
IOUT
VIN
RTH
Parameter
TST
TLD
PD
TJ
TC
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("H" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2
Subgroup 3
Measurement taken 0.5 seconds after application of power using automatic test equipment.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK 707H/E
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
20
175
Typ.
±15
±35
±36
45
±25
±0.5
±10
±15
5
5
5
1
0.15
3.8
0.6
±12.5
±120
10
22
220
4500
Max.
±18
±37
±39
-
±75
±1.5
±40
±80
20
40
-
8
-
-
-
-
-
-
-
-
-
Typ.
±15
±37
-
48
±50
±0.75
±20
-
10
-
5
2
0.2
4
0.7
±12.5
±120
15
20
190
MSK 707
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
15
165
2500
Max.
±18
±40
-
-
±100
±2.0
±60
-
30
-
-
20
-
-
-
-
-
-
-
-
-
Units
2
PRELIMINARY
Rev. - 2/04
2
Open Loop Voltage Gain
RL=1K
Ω F=1KHz VOUT=±10V
3000
4500
100
110
-
95
105
-
dB
2
2
2
2
2
7
2
2
±Vcc=±15V Unless Otherwise Specified
1
5
7
3
4
2
6
2
2
2
2
2


Similar Part No. - MSK707H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK707 MSK-MSK707_15 Datasheet
499Kb / 6P
   Unity Gain Bandwidth - 220 MHz Typical
More results

Similar Description - MSK707H

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK739B MSK-MSK739B Datasheet
300Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com