Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK739 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK739
Description  ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK739 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK739 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK739 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION NOTES
HEAT SINKING
To determine if a heat sink is necessary for your application and
if so, what type, refer to the thermal model and governing equation
below.
Governing Equation:
Example:
This example demonstrates a worst case analysis for the op-amp
output stage. This occurs when the output voltage is 1/2 the power
supply voltage. Under this condition, maximum power transfer oc-
curs and the output is under maximum stress.
Conditions:
VCC=±16VDC
VO=±8Vp Sine Wave, Freq.=1KHz
RL=100
For a worst case analysis we will treat the +8Vp sine wave
as an 8VDC output voltage.
1.) Find Driver Power Dissapation
PD=(VCC-VO) (VO/RL)
=(16V-8V) (8V/100Ω)
=0.64W
2.) For conservative design, set TJ=+125°C
3.) For this example, worst case TA=+90°C
4.) RθJC=45°C/W from MSK 739B Data Sheet
5.) RθCS=0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for RθSA
RθSA
=((TJ-TA)/PD) - (RθJC) - (RθCS)
=((125°C -90°C)/0.64W) - 45°C/W - 0.15°C/W
=54.7 - 46.15
=9.5°C/W
Rev. A 4/02
3
TJ=PD x (RθJC + RθCS + RθJC) + TA
Where
TJ=Junction Temperature
PD=Total Power Dissipation
RθJC=Junction to Case Thermal Resistance
RθCS=Case to Heat Sink Thermal Resistance
RθSA=Heat Sink to Ambient Thermal Resistance
TC=Case Temperature
TA=Ambient Temperature
TS=Sink Temperature
The value of the short circuit current limit resistors (±RSC) can
be calculated as follows.
+RSC=VCC-0.7/+ISC
-RSC=VCC+0.7/-ISC
Short circuit current limit should be set at least 2X above the
highest normal operating output current to keep the value of RSC low
enough to ensure that the voltage dropped accross the short circuit
current limit resistor doesn't adversely affect normal operation.
INTERNAL FEEDBACK RESISTOR
The MSK 739 is equipped with an internal 1.5KΩ feedback resis-
tor. Bandwidth and slew rate can be optimized by connecting the
MSK 739 as shown in Figure 2. Placing the feedback resistor inside
the hybrid reduces printed circuit board trace length and its'
asscociated capacitance which acts as a capacitive load to the op-
amp output. Reducing the capacitive load allows the output to slew
faster and greater bandwidths will be realized. Refer to Table 1 for
recommended RIN values for various gains.
APPROXIMATE
DESIRED GAIN
RIN
VALUE
1.5KΩ
TABLE 1
Whenever the internal resistor is not being used it is good practice
to short pin 4 and 5 to avoid inadvertently picking up spurious sig-
nals.
APPROXIMATE
DESIRED GAIN
RI(+)
RI(-)
Rf(Ext)
Cf
1
-1
249Ω
499Ω
499Ω
2
1
-2
160Ω
249Ω
499Ω
2
1
-5
169Ω
200Ω
1KΩ
2
1
-8
100Ω
124Ω
1KΩ
2
1
90.9Ω
100Ω
1KΩ
2
-20
-10
1
100Ω
100Ω
2KΩ
2
TABLE 2
1 The positive input resistor is selected to minimize any bias current induced offset
voltage.
2 The feedback capacitor will help compensate for stray input capacitance. The value of
-1
-2
-10
750Ω
150Ω
Thermal Model:
OUTPUT SHORT CIRCUIT PROTECTION
The output section of the MSK 739 can be protected from direct
shorts to ground by placing current limit resistors between pins 1
and 12 and pins 9 and 10 as shown in Figure 1.
Recommended External Component Selection
Guide Using External Rf
this capacitor can be dependent on individual applications. A 0.5 to 5pF capacitor is
usually optimum for most applications.
3 Effective load is RL in parallel with Rf.


Similar Part No. - MSK739

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738 Datasheet
268Kb / 5P
   INVERTING OPERATIONAL AMPLIFIER
MSK738B MSK-MSK738B Datasheet
268Kb / 5P
   INVERTING OPERATIONAL AMPLIFIER
MSK738E MSK-MSK738E Datasheet
268Kb / 5P
   INVERTING OPERATIONAL AMPLIFIER
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
More results

Similar Description - MSK739

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK707H MSK-MSK707H Datasheet
320Kb / 6P
   ULTRA-ACCURATE/HIGH SLEW RATE INVERTING OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
logo
New Japan Radio
NJM2136 NJRC-NJM2136 Datasheet
168Kb / 3P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
M2136 UTC-M2136_11 Datasheet
166Kb / 4P
   ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com