Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5046-1.8RHG Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5046-1.8RHG
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-1.8RHG Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5046-1.8RHG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-1.8RHG Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The MSK 5046RH series are high efficiency, 5 amp, radiation hardened switching regulators. The output voltage is
configured for 1.5V,1.7V,1.8V,1.9V,2.0V,2.5V,3.0V,3.3V,3.4V or 5.0V internally with a tolerance of 1%. The very
low output impedance allows the MSK 5046RH to drive the start up surge current required by many CPU's and
FPGA's with little or no decrease in the output voltage. The operating frequency of the MSK 5046RH is 350KHz. A
low quiescent current and very good operating efficiency keep the total internal power dissipation of the MSK
5046RH down to an absolute minimum. The device is packaged in a hermetic surface mountable package for high
reliability applications.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5046RH
SERIES
RADIATION HARDENED
HIGH EFFICIENCY, 5 AMP
SWITCHING REGULATORS
Up To 92% Conversion Efficiency For 5V Version
5 Amp Output Current
3.1V to 18V Input Range with Separate Bias
12V to 18V Input Range with UVLO (VBIAS=VIN)
Preset 1.5V,1.7V,1.8V,1.9V,2.0V,2.5V,3.0V,3.3V,3.4V or 5.0V Output Versions
User Programmable Current Limit
Output Trim Capability
Custom Compensation & Outputs Available
350KHz Switching Frequency
Surface Mountable Hermetic Package
-55°C to +125°C Operating Temperature Range
Total Dose Tested to 300K RAD
Available with Gull Wing Leads
Contact MSK for MIL-PRF-38534 Qualification and Appendix G (Radiation Status)
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 CERTIFIED
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Satellite System Power Supply
Step-down Switching Regulator
Microprocessor, FPGA Power Source
High Efficiency Low Voltage
Subsystem Power Supply
1
2
3
4
5
6
7
PRELIMINARY
Rev. G 2/06
1
CASE
CS+
CS-
SIGNAL GROUND
SENSE
ADJUST
SIGNAL GROUND
8
9
10
11
12-22
23-33
34-44
NC
SOFT START
ENABLE
VBIAS
VIN
POWER GROUND
VOUT


Similar Part No. - MSK5046-1.8RHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-1.8RHG MSK-MSK5046-1.8RHG Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-1.8RHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com