Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5101-5.0 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5101-5.0
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5101-5.0 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5101-5.0 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5101-5.0 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5101-5.0 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5101-5.0 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5101-5.0 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5101
SERIES
HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Extremely Compact 10 Pin Flatpack With Metal Base
Extremely Low Dropout Voltage: 350mV @ 1.5 Amps
Available in 3.3V, 5.0V, 12.0V and Adjustable Versions
Open Collector Error Flag Output Available on Fixed Voltage Versions
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 22mA Typical at Full Load
1% Guaranteed Accuracy
Output Current to 1.5 Amps
Contact MSK for MIL-PRF-38534 Qualification status.
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 5101 series voltage regulators are available in +3.3V, +5.0V, +12.0V or adjustable output configurations.
All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic
technology. Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which drives efficiency up and power
dissipation down. Accuracy is guaranteed with a 1% output voltage tolerance. The series also offers a TTL/CMOS
compatible on/off enable function as well as an output flag pin on the fixed voltage versions. The MSK 5101 series is
packaged in a space efficient 10 pin ceramic flatpack with a built in metal base.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
NC
Enable
Vin A
Vin B
NC
Vout A
Vout B
NC
Adj
NC
1
2
3
4
5
6
7
8
9
10
MSK5101-00
NC
Enable
Vin A
Vin B
NC
Vout A
Vout B
Vout C
NC
Flag
1
2
3
4
5
6
7
8
9
10
MSK5101-3.3,-5.0,-12
BASE
The base of the package is electrically
connected to ground.
Schematic shown for fixed output voltage versions
Rev. G 1/06
1


Similar Part No. - MSK5101-5.0

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5101-00H ANAREN-MSK5101-00H Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-00 MSK-MSK5101-00_15 Datasheet
428Kb / 5P
   Extremely Compact 10 Pin Flatpack With Metal Base
More results

Similar Description - MSK5101-5.0

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com