Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5046-1.5HRHG Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5046-1.5HRHG
Description  RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5046-1.5HRHG Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5046-1.5HRHG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5046-1.5HRHG Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APPLICATION NOTES CONT'D
PRELIMINARY Rev. G 2/06
4
SENSE:
ENABLE FUNCTION:
The ENABLE pin of the MSK 5046RH is designed for
open collector drive. Leaving the pin open will allow for
normal operation. Pulling the pin low will shut the de-
vice down. The enable pin will source up to 3mA when
pulled low with high line voltage.
It is very important that the DC voltage returned to
the SENSE pin from the output be as noise and oscilla-
tion free as possible. This voltage helps to determine
the final output and therefore must be a clean voltage.
Excessive noise or oscillation can cause the device to
have an incorrect output voltage. Proper PC board lay-
out techniques can help to achieve a noise free voltage
at the SENSE pin.
CURRENT LIMIT:
The MSK 5046RH current limit is user programmable
by means of an external low value sense resistor. The
current limit trips at approximately 100mV, ±20% across
the sense resistor. The output voltage will decrease when
the current limit is reached. In the case of a sudden and
severe overload, the MSK 5046RH will reset and attempt
a restart cycle. In noisy systems, the use of a twisted
pair helps reduce noise succeptability of the sense cir-
cuit. The voltage present on the sense resistor will have
an AC component at the switching frequency. The peak
of the AC plus DC voltage will trip the current fault. If
current limit is not desired, simply connect CS+ to ground
and CS- to VOUT to disable the current sense.
ADJUST:
The output voltage of the MSK5046RH may be ad-
justed up or down to accomodate a variety of system
requirements. Connecting a resistor between the adjust
pin and the sense pin will decrease the output voltage.
Connecting a resistor between the adjust pin and ground
will increase the output voltage.
MINIMUM LOAD:
The MSK 5046RH requires less than 2mA minimum
load to maintain regulation. Minimum loads greater than
200mA at low line voltage and 400mA at high line volt-
age provide faster load response.


Similar Part No. - MSK5046-1.5HRHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5046-1.5HRHG MSK-MSK5046-1.5HRHG Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
More results

Similar Description - MSK5046-1.5HRHG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5046RH MSK-5046RH Datasheet
757Kb / 10P
   RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
   RADIATION HARDENED HIGH POWER OP-AMP
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
   5 Amp, High Efficiency Switching Regulator
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
   HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
logo
International Rectifier
GH2803R3SCKX IRF-GH2803R3SCKX Datasheet
197Kb / 9P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
GH2801S IRF-GH2801S Datasheet
397Kb / 10P
   HIGH RELIABILITY, HIGH EFFICIENCY RADIATION HARDENED DC-DC CONVERTER
logo
Anaren Microwave
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
   HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com