Electronic Components Datasheet Search |
|
MSK5116-1.5ZS Datasheet(PDF) 1 Page - M.S. Kennedy Corporation |
|
MSK5116-1.5ZS Datasheet(HTML) 1 Page - M.S. Kennedy Corporation |
1 / 5 page 4707 Dey Road Liverpool, N.Y. 13088 M.S.KENNEDY CORP. (315) 701-6751 FEATURES: SERIES HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS Electrically Isolated Top Tab or Z Tab SIP Extremely Low Dropout Voltage: 350mV @ 1.5 Amps Available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V TTL Level Enable Pin: Zero Current Shutdown Mode Reverse Battery and Load Dump Protection Low Ground Current: 32mA Typical at Full Load 1% Maximum Guaranteed Accuracy Output Current to 1.5 Amps Contact MSK for MIL-PRF-38534 Qualification Status MIL-PRF-38534 CERTIFIED DESCRIPTION: The MSK 5116 series voltage regulators are available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with monolithic technology. Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which drives efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance. The series also offers a TTL/CMOS compatible on/off enable function. The MSK 5116 series is packaged in a space efficient 5 pin power SIP available in two styles with three lead bend options. EQUIVALENT SCHEMATIC 5116 TYPICAL APPLICATIONS PIN-OUT INFORMATION High Efficiency, High Current Linear Regulators Constant Voltage/Current Regulators System Power Supplies Switching Power Supply Post Regulators Battery Powered Equipment Enable Vin Ground Vout NC 1 2 3 4 5 1 Rev. A 1/06 |
Similar Part No. - MSK5116-1.5ZS |
|
Similar Description - MSK5116-1.5ZS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |