Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P10DU-2415Z Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P10DU-2415Z
Description  1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10DU-2415Z Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P10DU-2415Z Datasheet HTML 1Page - PEAK electronics GmbH P10DU-2415Z Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
M3 SERIES
P10DU-XXXXZ 1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
Available Inputs:
5, 12, 24 and 48 VDC
Available Outputs:
5, 7.2, 12 and 15 VDC
Other specifications please enquire
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
1000 VDC
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
60 pF typ.
Output Specifications
Voltage accuracy
+/- 5 %, max.
Ripple and noise (at 20 MHz BW)
75 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 1,2 % / 1,0 % of Vin
Load voltage regulation
+/- 8 %, load = 20 ~ 100 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % to 85 %
Switching frequency
85 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 40° C to + 85° C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions DIP
20.32 x 10.16 x 6.85 mm
0.80 x 0.40 x 0.27 inches
Weight
2,5 g 3,5 g for 48 VDC
Case material
Non conductive black plastic
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL LOAD
(% TYP.)
P10DU-0505Z
5
28
555
+/- 5
+/- 200
72
P10DU-0512Z
5
26
500
+/- 12
+/- 84
80
P10DU-0515Z
5
25
494
+/- 15
+/- 67
81
P10DU-1205Z
12
22
225
+/- 5
+/- 200
74
P10DU-1212Z
12
20
208
+/- 12
+/- 84
80
P10DU-1215Z
12
20
208
+/- 15
+/- 67
80
P10DU-2405Z
24
11
111
+/- 5
+/- 200
75
P10DU-247R2Z
24
10
107
+/- 7,2
+/- 139
78
P10DU-2412Z
24
8
102103
+/- 12
+/- 84
81
P10DU-2415Z
24
8
102
+/-15
+/- 67
82


Similar Part No. - P10DU-2415Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10DU-2415ELF PEAK-P10DU-2415ELF Datasheet
140Kb / 4P
   PM3-SERIES
More results

Similar Description - P10DU-2415Z

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10DU-0505E PEAK-P10DU-0505E Datasheet
253Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P6DUI-050505Z PEAK-P6DUI-050505Z Datasheet
257Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14
P10MU-0505Z PEAK-P10MU-0505Z Datasheet
264Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505E PEAK-P6DU-0505E Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
P10MU-0505E PEAK-P10MU-0505E Datasheet
253Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10AU-053R3E PEAK-P10AU-053R3E Datasheet
241Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com