Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9016LT1 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # S9016LT1
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

S9016LT1 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  S9016LT1 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
JIANGSU CHANGJIANG ELECTRONICS INDUSTIAL CO., LTD
SOT-23 Plastic-Encapsulate Transistors
S9016LT1
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
200
mW (Tamb=25
℃)
Collector current
ICM:
0.025
A
Collector-base voltage
V(BR)CBO:
30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100
µA, IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 0.1mA, IB=0
20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 3V, IC=0
0.1
µA
DC current gain
HFE(1)
VCE=5V, IC= 1mA
70
200
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB= 1mA
0.3
V
Transition frequency
fT
VCE=5V, IC= 1mA
f=100MHz
300
MHz
DEVICE MARKING
S9016LT1= Y6
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - S9016LT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9016 ETC-S9016 Datasheet
32Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
S9016 BILIN-S9016 Datasheet
196Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
SHENZHEN YONGERJIA INDU...
S9016 WINNERJOIN-S9016 Datasheet
127Kb / 1P
   TRANSISTOR (NPN)
logo
Diode Semiconductor Kor...
S9016 DSK-S9016 Datasheet
278Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
SUNMATE electronic Co.,...
S9016 SUNMATE-S9016 Datasheet
724Kb / 3P
   NPN SILICON EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - S9016LT1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com