Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5116-1.9HZS Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5116-1.9HZS
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5116-1.9HZS Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5116-1.9HZS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5116-1.9HZS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5116-1.9HZS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5116-1.9HZS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5116-1.9HZS Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
SERIES
HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Electrically Isolated Top Tab or Z Tab SIP
Extremely Low Dropout Voltage: 350mV @ 1.5 Amps
Available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 32mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 1.5 Amps
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 5116 series voltage regulators are available in +1.5V,+1.7V,+1.9V,+2.5V,+3.3V,+5.0V and +12.0V
configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass transistor with
monolithic technology.
Dropout voltages of 350mV at 1.5 amps are typical in this configuration, which drives
efficiency up and power dissipation down. Accuracy is guaranteed with a 1% maximum output voltage tolerance.
The series also offers a TTL/CMOS compatible on/off enable function. The MSK 5116 series is packaged in a space
efficient 5 pin power SIP available in two styles with three lead bend options.
EQUIVALENT SCHEMATIC
5116
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
Enable
Vin
Ground
Vout
NC
1
2
3
4
5
1
Rev. A 1/06


Similar Part No. - MSK5116-1.9HZS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5116-1.9HTD ANAREN-MSK5116-1.9HTD Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-1.9HTS ANAREN-MSK5116-1.9HTS Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116-1.9HTU ANAREN-MSK5116-1.9HTU Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5116-1.9HZS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com