Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5131-1.9TU Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5131-1.9TU
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5131-1.9TU Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5131-1.9TU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5131-1.9TU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5131-1.9TU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5131-1.9TU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5131-1.9TU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6571
FEATURES:
SERIES
HIGH CURRENT,
LOW DROPOUT
VOLTAGE REGULATORS
Electrically Isolated Top Tab or Z Tab SIP
Extremely Low Dropout Voltage: 350mV @ 3 Amps
Available in +1.5V,+1.7V,+1.8V,+1.9V,+2.5V,+3.3V,+5.0V and
+12.0V
TTL Level Enable Pin: Zero Current Shutdown Mode
Reverse Battery and Load Dump Protection
Low Ground Current: 42mA Typical at Full Load
1% Maximum Guaranteed Accuracy
Output Current to 3 Amps
Contact MSK for MIL-PRF-38534 Qualification Status
MIL-PRF-38534 CERTIFIED
DESCRIPTION:
The MSK 5131 series voltage regulators are available in +1.5V,+1.7V,+1.8V,+1.9V,+2.5V,+3.3V,+5.0V and
+12.0V configurations. All boast ultra low dropout specifications due to the utilization of a super PNP output pass
transistor with monolithic technology. Dropout voltages of 350mV at 3 amps are typical in this configuration, which
drives efficiency up and power dissipation down.
Accuracy is guaranteed with a 1% maximum output voltage
tolerance. The series also offers a TTL/CMOS compatible on/off enable function. The MSK 5131 series is packaged
in a space efficient 5 pin power SIP available in two styles with three lead bend options.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
High Efficiency, High Current Linear Regulators
Constant Voltage/Current Regulators
System Power Supplies
Switching Power Supply Post Regulators
Battery Powered Equipment
Enable
Vin
Ground
Vout
N/C
1
2
3
4
5
5131
Rev. B 2/06


Similar Part No. - MSK5131-1.9TU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5131-1.9HTD ANAREN-MSK5131-1.9HTD Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-1.9HTS ANAREN-MSK5131-1.9HTS Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-1.9HTU ANAREN-MSK5131-1.9HTU Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5131-1.9TU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com