Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5131-2.5TU Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5131-2.5TU
Description  HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5131-2.5TU Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5131-2.5TU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5131-2.5TU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5131-2.5TU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5131-2.5TU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5131-2.5TU Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINK SELECTION:
To select a heat sink for the MSK 5131, the following formula
for convective heat flow may be used.
Governing Equation:
Tj = Pd x (R
θjc + Rθcs + Rθsa) + Ta
WHERE:
Tj = Junction Temperature
Pd = Total Power Dissipation
R
θjc = Junction to Case Thermal Resistance
R
θcs = Case to Heat Sink Thermal Resistance
R
θsa = Heat Sink to Ambient Thermal Resistance
Ta = Ambient Temperature
REGULATOR PROTECTION:
The MSK 5131 series is fully protected against reversed input
polarity, overcurrent faults, overtemperature conditions (Pd) and
transient voltage spikes of up to 60V. If the regulator is used
in dual supply systems where the load is returned to a negative
supply, the output voltage must be diode clamped to ground.
First, the power dissipation must be calculated as follows:
Power Dissipation = (Vin - Vout) x Iout
Next, the user must select a maximum junction temperature.
The absolute maximum allowable junction temperature is 125°C.
The equation may now be rearranged to solve for the required
heat sink to ambient thermal resistance (R
θsa).
EXAMPLE:
An MSK 5131-3.3 is configured for Vin=+5V and
Vout=+3.3V. Iout is a continuous 1A DC level. The ambient
temperature is +25°C. The maximum desired junction tem-
perature is 125°C.
R
θjc = 2.4°C/W and Rθcs = 0.15°C/W for most thermal greases
Power Dissipation =
(5V - 3.3V) x (1A)
=
1.7 Watts
Solve for R
θsa:
R
θsa =
125°C - 25°C
- 2.4°C/W - 0.15°C/W
In this example, a heat sink with a thermal resistance of no
more than 56°C/W must be used to maintain a junction tem-
perature of no more than 125°C.
DEVICE/CASE CONNECTION:
The MSK 5131 series are highly thermally conductive devices
and the thermal path from the package heat sink to the internal
junctions is very short. Since the case is electrically isolated
from the internal circuitry, the package can be directly con-
nected to a heat sink.
ENABLE PIN:
The MSK 5131 series of voltage regulators are equipped with a
TTL compatible ENABLE pin. A TTL high level on this pin acti-
vates the internal bias circuit and powers up the device. A TTL
low level on this pin places the controller in shutdown mode
and the device draws approximately 10µA of quiescent cur-
rent. If the enable function is not used, simply connect the
enable pin to the input.
LOAD CONNECTIONS:
In voltage regulator applications where very large load
cur-
rents are present, the load connection is very important. The
path connecting the output of the regulator to the load must be
extremely low impedance to avoid affecting the load regulation
specifications. Any impedance in this path will form a voltage
divider with the load.
OUTPUT CAPACITOR:
The output voltage ripple of the MSK 5131 series voltage regu-
lators can be minimized by placing a filter capacitor from the
output to ground. The optimum value for this capacitor may
vary from one application to the next, but a minimum of 10µF
is recommended for optimum performance. This capacitor need
not be an expensive low ESR type: aluminum electrolytics are
adequate. In fact, extremely low ESR capacitors may contrib-
ute to instability. Tantalum capacitors are recommended for
systems where fast load transient response is important. Tran-
sient load response can also be improved by placing a capaci-
tor directly across the load.
1.7W
3
Rev. B 2/06
= 56.27°C/W


Similar Part No. - MSK5131-2.5TU

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5131-2.5HTD ANAREN-MSK5131-2.5HTD Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5HTS ANAREN-MSK5131-2.5HTS Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5131-2.5HTU ANAREN-MSK5131-2.5HTU Datasheet
122Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - MSK5131-2.5TU

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5116 ANAREN-MSK5116 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 ANAREN-MSK5130 Datasheet
748Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5101-3.3H MSK-MSK5101-3.3H Datasheet
289Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com