Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5232-12ETS Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # MSK5232-12ETS
Description  HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5232-12ETS Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

  MSK5232-12ETS Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5232-12ETS Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5232-12ETS Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5232-12ETS Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5232-12ETS Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5232-12ETS Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MSK5232-3.3 H
G
6
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
MECHANICAL SPECIFICATIONS
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
ORDERING INFORMATION
The above example is a +3.3V, Military regulator with gull wing leads.
Rev. D 8/05
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
ESD Triangle Indicates Pin 1.
LEAD CONFIGURATIONS
(GULL WING NOT AVAILABLE WITH TOP TAB VERSION)
S= STRAIGHT; U= BENT UP; D= BENT DOWN; G=GULL WING
PACKAGE STYLE
T=TOP TAB; BLANK=NO TAB
SCREENING
BLANK= INDUSTRIAL; E=EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
1.5=+1.5V; 1.7=+1.7V; 1.8=+1.8V; 1.9=+1.9V;
2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V; 12=+12.0V
GENERAL PART NUMBER


Similar Part No. - MSK5232-12ETS

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5232-12 ANAREN-MSK5232-12 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5232-120 MSK-MSK5232-120 Datasheet
135Kb / 6P
   Hermetic Surface Mount Package Option
logo
Anaren Microwave
MSK5232-12HTD ANAREN-MSK5232-12HTD Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232-12HTS ANAREN-MSK5232-12HTS Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232-12HTU ANAREN-MSK5232-12HTU Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results

Similar Description - MSK5232-12ETS

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5230-3.3H MSK-MSK5230-3.3H Datasheet
218Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5230 ANAREN-MSK5230 Datasheet
732Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5232 ANAREN-MSK5232 Datasheet
135Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215 ANAREN-MSK5215 Datasheet
714Kb / 6P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-50 MSK-MSK5215-50 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-3.3H MSK-MSK5215-3.3H Datasheet
220Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5215-120 MSK-MSK5215-120 Datasheet
115Kb / 5P
   HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5275-3.3H MSK-MSK5275-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
MSK5250-3.3H MSK-MSK5250-3.3H Datasheet
213Kb / 5P
   VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com