Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5817W-SOD-123 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # B5817W-SOD-123
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

B5817W-SOD-123 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  B5817W-SOD-123 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd B5817W-SOD-123 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd B5817W-SOD-123 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E
A1
A2
A
E1
L
L1
SOD-123 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
L
L1
θ
Min
1.050
0.000
1.050
0.450
0.080
1.500
2.600
3.550
0.250
Max
1.250
0.100
1.150
0.650
0.150
1.700
2.800
3.850
0.450
Min
0.041
0.000
0.041
0.018
0.003
0.059
0.102
0.140
0.010
Max
0.049
0.004
0.045
0.026
0.006
0.067
0.110
0.152
0.018
Dimensions In Millimeters
Dimensions In Inches
0.020REF
0.500REF
θ


Similar Part No. - B5817W-SOD-123

ManufacturerPart #DatasheetDescription
logo
Shunye Enterprise
B5817W-B5819W SHUNYE-B5817W-B5819W Datasheet
985Kb / 2P
   SCHOTTKY DIODE
logo
Taiwan Semiconductor Co...
B5817W-M0RPG TSC-B5817W-M0RPG Datasheet
149Kb / 5P
   SOD-123 40V/1A Schottky Diode
B5817W-N0RBG TSC-B5817W-N0RBG Datasheet
149Kb / 5P
   SOD-123 40V/1A Schottky Diode
More results

Similar Description - B5817W-SOD-123

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com